Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC06 Datasheet(PDF) 1 Page - Sanken electric

Part # SDC06
Description  NPN With built-in avalanche diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SDC06 Datasheet(HTML) 1 Page - Sanken electric

  SDC06_01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
196
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SDC06
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
30 to 45
V
VCEO
30 to 45
V
VEBO
6V
IC
2A
ICP
3 (PW
≤1ms, Du≤10%)
A
IB
30
mA
PT
3 (Ta=25
°C)
W
Tj
150
°C
Tstg
–40 to +150
°C
θ j–a
41.6
°C/W
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=30V
IEBO
1.2
2.8
mA
VEB=6V
VCEO
30
45
V
IC=10mA
hFE
400
700
2000
VCE=4V, IC=0.5A
VCE(sat)
0.2
V
IC=0.5A, IB=5mA
0.6
V
IC=1A, IB=5mA
VFEC
2.0
V
IFEC=1A
ton
1.2
µsVCC 10V,
tstg
18.0
µsIC=0.5A,
tf
3.6
µsIB1=5mA, IB2=0A
fT
20
MHz
VCE=12V, IE=–0.2A
Cob
50
pF
VCB=10V, f=1MHz
ES/B
40
mJ
L=10mH, Single pulse
Specification
min
typ
max
RB: 800
Ω typ RBE: 2kΩ typ
3
2
1
0
0
123
4
5
6
VCE (V)
IB=30mA
1mA
2mA
3mA
5mA
8mA
1000
500
100
0.03 0.05
0.1
0.5
1
3
typ
(VCE=4V)
IC (A)
1000
500
100
0.03 0.05
0.1
0.5
1
3
IC (A)
(VCE=4V)
Ta=125
°C
75
°C
25
°C
–30
°C
3
2
1
0
0.2
0.5
1
3
(IC / IB=100)
IC (A)
–30
°C
1
0
1
5
10
30
IB (mA)
IC=1A
IC=0.5A
3
2
1
0
0
4
3
2
1
50
100
150
1-1 Chip Operation
2-2 Chip Operation
3-3 Chip Operation
4-4 Chip Operation
Ta (
°C)
5
1
0.5
0.1
510
50
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
1mS
50
10
5
1
1
5
10
50
100
500 1000
PW (mS)
2
15,16
1
RB
RBE
4
13,14
3
RB
RBE
6
11,12
5
RB
RBE
8
9,10
7
RB
RBE
NPN
With built-in avalanche diode
Absolute maximum ratings
Electrical characteristics
External dimensions E • • • SD
sEquivalent circuit diagram


Similar Part No. - SDC06_01

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC0602 SUPERWORLD-SDC0602 Datasheet
249Kb / 4P
   SMD POWER INDUCTORS
SDC0602-100MF SUPERWORLD-SDC0602-100MF Datasheet
249Kb / 4P
   SMD POWER INDUCTORS
SDC0602-101MF SUPERWORLD-SDC0602-101MF Datasheet
249Kb / 4P
   SMD POWER INDUCTORS
SDC0602-120MF SUPERWORLD-SDC0602-120MF Datasheet
249Kb / 4P
   SMD POWER INDUCTORS
SDC0602-121MF SUPERWORLD-SDC0602-121MF Datasheet
249Kb / 4P
   SMD POWER INDUCTORS
More results

Similar Description - SDC06_01

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA413A SANKEN-STA413A_06 Datasheet
34Kb / 1P
   NPN With built-in avalanche diode
SDC06 SANKEN-SDC06 Datasheet
18Kb / 1P
   NPN With built-in avalanche diode
STA413A SANKEN-STA413A Datasheet
20Kb / 1P
   NPN With built-in avalanche diode
STA413A SANKEN-STA413A Datasheet
34Kb / 1P
   NPN With built-in avalanche diode
SDC04 SANKEN-SDC04 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA301A SANKEN-STA301A_06 Datasheet
33Kb / 1P
   NPN Darlington With built-in avalanche diode
STA475A SANKEN-STA475A_06 Datasheet
39Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03 Datasheet
21Kb / 1P
   NPN Darlington With built-in avalanche diode
STA471A SANKEN-STA471A Datasheet
24Kb / 1P
   NPN Darlington With built-in avalanche diode
SDC03 SANKEN-SDC03_01 Datasheet
35Kb / 1P
   NPN Darlington With built-in avalanche diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com