Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19985A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX19985A
Description  Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19985A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX19985A Datasheet HTML 1Page - Maxim Integrated Products MAX19985A Datasheet HTML 2Page - Maxim Integrated Products MAX19985A Datasheet HTML 3Page - Maxim Integrated Products MAX19985A Datasheet HTML 4Page - Maxim Integrated Products MAX19985A Datasheet HTML 5Page - Maxim Integrated Products MAX19985A Datasheet HTML 6Page - Maxim Integrated Products MAX19985A Datasheet HTML 7Page - Maxim Integrated Products MAX19985A Datasheet HTML 8Page - Maxim Integrated Products MAX19985A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Dual, SiGe, High-Linearity, 700MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
3
RECOMMENDED AC OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency
fRF
(Note 5)
700
1000
MHz
LO Frequency
fLO
(Note 5)
900
1300
MHz
Using Mini-Circuits TC4-1W-17 4:1 transformer
as defined in the Typical Application Circuit,
IF matching components affect the IF
frequency range (Note 5)
100
500
IF Frequency
fIF
Using alternative Mini-Circuits TC4-1W-7A
4:1 transformer, IF matching components
affect the IF frequency range (Note 5)
50
250
MHz
LO Drive Level
PLO
(Note 5)
-3
+3
dBm
+5.0V SUPPLY AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, VCC = +4.75V to +5.25V, RF and LO ports are driven from 50Ω sources, PLO = -3dBm to +3dBm,
PRF = -5dBm, fRF = 700MHz to 1000MHz, fLO = 900MHz to 1200MHz, fIF = 200MHz, fRF < fLO, TC = -40°C to +85°C. Typical values
are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF =900MHz, fLO = 1100MHz, fIF = 200MHz, TC =+25°C, all parameters are guaran-
teed by design and characterization, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIF = 200MHz, fRF = 824MHz to 915MHz,
TC = -40°C to +85°C
7.0
8.7
10.2
Conversion Power Gain
GC
fIF = 200MHz, fRF = 824MHz to 915MHz,
TC = +25°C (Note 9)
7.7
8.7
9.7
dB
Conversion Power Gain Variation
vs. Frequency
ΔGC
Flatness over any one of three frequency
bands:
fRF = 824MHz to 849MHz,
fRF = 869MHz to 894MHz,
fRF = 880MHz to 915MHz (Note 9)
0.15
0.3
dB
Gain Variation Over TemperatureTCG
TC = -40°C to +85°C
-0.012
dB/°C
TC = -40°C to +85°C
9.2
11.5
Noise Figure
NF
fRF = 850MHz, fIF = 200MHz,
PLO = 0dBm, TC = +25°C, VCC = +5.0V
9.0
10.3
dB
Noise Figure Temperature
Coefficient
TCNF
TC = -40°C to +85°C
0.018
dB/°C
Noise Figure Under Blocking
Condition
NFB
+8dBm blocker tone applied to RF port,
fRF = 900MHz, fLO = 1090MHz,
PLO = -3dBm, fBLOCKER = 800MHz,
VCC = +5.0V (Note 7)
18.8
22
dB
TC = -40°C to +85°C
10.0
12.6
Input 1dB Compression Point
IP1dB
TC = +25°C (Note 9)
11.0
12.6
dBm
fRF = 824MHz to 915MHz,
fRF1 - fRF2 = 1MHz, fIF = 200MHz,
PRF = -5dBm/tone, TC = -40°C to +85°C
22.5
25.5
Third-Order Input Intercept Point
IIP3
fRF = 824MHz to 915MHz,
fRF1 - fRF2 = 1MHz, fIF = 200MHz,
PRF = -5dBm/tone, TC = +25°C (Note 9)
23.5
25.5
dBm


Similar Part No. - MAX19985A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1998ETP MAXIM-MAX1998ETP Datasheet
766Kb / 31P
   Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
Rev 0; 10/02
More results

Similar Description - MAX19985A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9985 MAXIM-MAX9985 Datasheet
216Kb / 15P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/07
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX2029 MAXIM-MAX2029 Datasheet
411Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
MAX2029ETP-T MAXIM-MAX2029ETP-T Datasheet
417Kb / 16P
   High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com