Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-7510 Datasheet(PDF) 2 Page - Sanken electric

Part # SI-7510
Description  New Pentagon Connection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7510 Datasheet(HTML) 2 Page - Sanken electric

  SI-7510_11 Datasheet HTML 1Page - Sanken electric SI-7510_11 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
115
ICs
SI-7510
■Truth Table
Pin Name
Low Level
High Level
Clock
Positive Edge
CW/CCW
Forward Rotation (CW)
Backward Rotation (CCW)
Full/Half
4-phase excitation
4-5 phase excitation
Enable
Disable
Enable
Reset
Enable
Reset
CL
CW/CCW
F/H
500ns
500ns
Switchable Range
Disable
Reset
CL
05
10
15
20
30
25
45
40
35
60
55
50
70
65
75
CW, Full
Reset
CCW, Full
CCW, Half
CW, Half
Reset
Enable
CW/CCW
F/H
OHA
OLE
OLD
OLC
OLB
OLA
OHE
OHD
OHC
OHB
MO
CL
75
80
85
90
95
105
100
110
CW, Half
Disable
CCW,Full
Reset
Enable
CW/CCW
F/H
OHA
OLE
OLD
OLC
OLB
OLA
OHE
OHD
OHC
OHB
MO
* Condition to Switch Input Signals
The range to Prohibit Switching
The range to
Prohibit Switching
■Input and Output Timing Chart
■Internal Block Diagram
■Typical Connection Diagram
Oscillator
Charge Pump
Highside Drive
Sequencer
Lowside Drive
PWM
Control
OHGA
OHSA
OHGB
OHSB
OHGC
OHSC
OHGD
OHSD
OHGE
OHSE
OLA
OLB
OLC
OLD
OLE
Sense
RC
Gnd
Ref
Enable
MO
CL
F/H
CW/CCW
Reset
VCC1
MC1
MC3
MC2
VCC2
Pin No.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
MC1
MC3
MC2
VCC1
Enable
VCC2
MO
CL
F/H
CW/CCW
Reset
RC
Ref
Sense
Gnd
VOLE
VOLD
VOLC
VOLB
VOLA
VOHSE
VOHGE
VOHSD
VOHGD
VOHSC
VOHGC
VOHSB
VOHGB
VOHSA
VOHGA
Capacitor Connection Terminal for Charge Pump (for MC2)
Capacitor Connection Terminal for Charge Pump (for Gnd)
Capacitor Connection Terminal for Charge Pump (for MC1)
Main Supply Voltage Input
Output OFF
Logic Voltage Input
Monitor to Detect Motor Position
Clock
4-phase, 4-5 phase switching
Switching Between Forward and Backward Rotation
Reset
RC Connection for Chopping Off Time Setting
Reference Voltage Input for Motor Current Setting
For Motor Current Detection
Gnd
Low Side MOSFET Gate Connection Pin (E-phase)
Low Side MOSFET Gate Connection Pin (D-phase)
Low Side MOSFET Gate Connection Pin (C-phase)
Low Side MOSFET Gate Connection Pin (B-phase)
Low Side MOSFET Gate Connection Pin (A-phase)
High Side MOSFET Source Connection Pin (E-phase)
High Side MOSFET Gate Connection Pin (E-phase)
High Side MOSFET Source Connection Pin (D-phase)
High Side MOSFET Gate Connection Pin (D-phase)
High Side MOSFET Source Connection Pin (C-phase)
High Side MOSFET Gate Connection Pin (C-phase)
High Side MOSFET Source Connection Pin (B-phase)
High Side MOSFET Gate Connection Pin (B-phase)
High Side MOSFET Source Connection Pin (A-phase)
High Side MOSFET Gate Connection Terminal (A-phase)
SLA5073
SLA5074
30
20
21
22
23
24
25
26
27
28
29
14
16
17
18
19
15
24
3
5
1
6
11
10
9
8
7
13
12
5V
24V
C1
OHGA
OHSA
OHGE
OHSE
OHGD
OHSD
OHGC
OHSC
OHGB
OHSB
OLE
OLD
OLC
OLB
OLA
Sense
VCC1
MC3
MC2
MC1
VCC2
Enable
Ref
Reset
CW/CCW
F/H
CL
MO
RC
Gnd
Rs
R2
R1
IO=VRS/RS
IOM=Io/2
*IOM : Motor Coil Current
tOFF=1.1*Rt*Ct
Rt
Ct
Io
1
2
4
8
6
9
11
3
7
10
5
12
1
4
5
8
2
3
10
9
6
7
13
15
14
C2
C3
C4
R3
R1=510
R2=100
Ω(VR)
R3=20K
RS=0.33
Ω(1 to 2W)
Rt=15 to 75K
Ct=420 to 1100pF
C1=2200pF
C2=0.01
µF
C3=0.1
µF
C4=0.01
µF
*Be especially careful of noise on the Vcc line. The product may malfunction if noise on the Vcc line is 0.5 V or more.
Logic Signal
Input and Output
5-phase SPM
New Pentagon
Pins 11 to 15: NC
■Pin Assignment and Function Table
■External Dimensions (DIP30)
28.2±0.3
0.46±0.1
1.654 TYP
0° to 15°
1.778
1.0
0.3
0.06
+
0.25 0.1
0.05
+
10.16
(Unit : mm)
Product Mass : Approx.2g


Similar Part No. - SI-7510_11

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7510 SANKEN-SI-7510 Datasheet
442Kb / 2P
   New Pentagon Connection
More results

Similar Description - SI-7510_11

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7510 SANKEN-SI-7510 Datasheet
442Kb / 2P
   New Pentagon Connection
logo
TOKYO SEIMITSU CO., LTD
ACCTEE ACCRETECH-ACCTEE Datasheet
947Kb / 11P
   New Measurement Style with New Concept
logo
CUI INC
CUI-103E-10 CUI-CUI-103E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
E-SWITCH
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
   NEW RELEASE
logo
List of Unclassifed Man...
DS1095-05 ETC-DS1095-05 Datasheet
137Kb / 1P
   NEW RELEASE
logo
CUI INC
CUI-102E-10 CUI-CUI-102E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
Molex Electronics Ltd.
130112-0178 MOLEX11-130112-0178 Datasheet
31Kb / 1P
   Tube Guard Assembly Lawson / New AWSON / NEW
logo
Pericom Semiconductor C...
PT8A2514A PERICOM-PT8A2514A Datasheet
386Kb / 6P
   New Toaster Controller
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
SemiHow Co.,Ltd.
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com