Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31722MUA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX31722MUA+
Description  Digital Thermometers and Thermostats with SPI/3-Wire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31722MUA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX31722MUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX31722MUA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Digital Thermometers and Thermostats
with SPI/3-Wire Interface
8
Figure 5. Temperature, THIGH, and TLOW Register Format
Measuring Temperature
The core of the devices’ functionality is its direct-to-digital
temperature sensor. The devices measure temperature
through the use of an on-chip temperature measure-
ment technique with a -55NC to +125NC operating range.
The devices power up in a power-conserving shutdown
mode. After power-up, the devices can be placed in a
continuous conversion mode or in a one-shot conver-
sion mode. In the continuous conversion mode, the
devices continuously compute the temperature and
store the most recent result in the temperature register at
addresses 01h (LSB) and 02h (MSB). As conversions are
performed in the background, reading the temperature
register does not affect the conversion in progress. The
temperature value is not updated until the SPI or 3-wire
interface is inactive. In other words, CE must be inactive
for the temperature register to be updated with the most
recent temperature conversion value. In the one-shot
conversion mode, the devices perform one temperature
conversion and then return to the shutdown mode, storing
temperature in the temperature register. This conversion
mode is ideal for power-sensitive applications. Details on
how to change the setting after power-up are contained
in the Programming section.
The resolution of the temperature conversion is con-
figurable (9, 10, 11, or 12 bits) with 9 bits reading the
default state. This equates to a temperature resolution
of 0.5NC, 0.25NC, 0.125NC, or 0.0625NC. Following each
conversion, thermal data is stored in the temperature
register in two’s complement format. The information
can be retrieved over the SPI or 3-wire interface with the
address set to the temperature register, 01h (LSB) and
then 02h (MSB). Table 1 describes the exact relation-
ship of output data to measured temperature. Table 1
assumes the devices are configured for 12-bit resolution.
If the devices are configured in a lower resolution mode,
those bits contain zeros. The data is transmitted serially
over the digital interface, MSB first for SPI communica-
tion and LSB first for 3-wire communication. The MSB of
the temperature register contains the sign (S) bit, denot-
ing whether the temperature is positive or negative.
Table 1. 12-Bit Resolution Temperature/Data Relationship
S
26
25
24
23
22
21
20
02h
MSB
(UNITS = NC)
LSB
2-1
2-2
2-3
2-4
0
0
0
0
01h
TEMPERATURE
(NC)
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+125
0111 1101 0000 0000
7D00
+25.0625
0001 1001 0001 0000
1910
+10.125
0000 1010 0010 0000
0A20
+0.5
0000 0000 1000 0000
0080
0
0000 0000 0000 0000
0000
-0.5
1111 1111 1000 0000
FF80
-10.125
1111 0101 1110 0000
F5E0
-25.0625
1110 0110 1111 0000
E6F0
-55
1100 1001 0000 0000
C900


Similar Part No. - MAX31722MUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31722MUA++ MAXIM-MAX31722MUA+ Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
MAX31722MUA+T MAXIM-MAX31722MUA+T Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
More results

Similar Description - MAX31722MUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
   Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
   Digital Thermometer with SPI/3-Wire Interface
logo
Maxim Integrated Produc...
DS1722 MAXIM-DS1722 Datasheet
324Kb / 14P
   Digital Thermometer with SPI/3-Wire Interface
103007
logo
VTI technologies
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Murata Manufacturing Co...
SCL3300-D01 MURATA1-SCL3300-D01 Datasheet
2Mb / 47P
   3-axis inclinometer with angle output and digital SPI interface
Doc.No. 4921 Rev. 2
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
   3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D04 VTI-SCA3100-D04 Datasheet
148Kb / 6P
   3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com