Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX34561T+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX34561T+T
Description  12V/5V Hot-Plug Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX34561T+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX34561T+T Datasheet HTML 1Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 2Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 3Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 4Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 5Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 6Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 7Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 8Page - Maxim Integrated Products MAX34561T+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
12V/5V Hot-Plug Switch
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC5 = +5V, VCC12 = +12V, TJ = +25NC, unless otherwise noted.)
Note 1: All voltages are referenced to ground. Currents entering the device are specified positive, and currents exiting the device
are negative.
Note 2: This supply range guarantees that the LOAD_ voltage is not clamped by the overvoltage limit.
Note 3: Supply current specified with no load on the LOAD_ pin.
Note 4: Guaranteed by design; not production tested.
Note 5: ISCL_ is the current limit when conduction begins.
Note 6: IOVL_ is the current limit after the on-board MOSFET is fully on.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
5V MOSFET Output Capacitance
COUT
(Note 4)
400
pF
12V MOSFET Output
Capacitance
COUT
(Note 4)
400
pF
5V and 12V Delay Time from
Enable to Beginning of
Conduction
tPOND
CVRAMP_ = 1FF
8
ms
5V and 12V Gate-Charging Time
from Conduction to 90% of VOUT
tGCT
CVRAMP_ = 1FF, CLOAD_ = 1000FF
48
64
80
ms
Shutdown Junction Temperature
TSHDN
(Note 4)
120
135
150
N
C
Thermal Hysteresis
THYS
(Note 4)
40
N
C
TIMER_ Charging Current
ITIMER
64
80
96
F
A
VRAMP_ Charging Current
IVRAMP
64
80
96
F
A
5V Overvoltage Clamp
VOVC5
5.5
6.0
6.5
V
12V Overvoltage Clamp
VOVC12
13.2
15
16.5
V
5V Power-On Short-Circuit
Current Limit
ISCL5
RILIM5 = 47I (Note 5)
0.6
1.0
1.5
A
12V Power-On Short-Circuit
Current Limit
ISCL12
RILIM12 = 47I (Note 5)
0.6
1.0
1.5
A
5V Operating Overload Current
Limit
IOVL5
RILIM5 = 47I (Notes 4, 6)
1.5
2.5
3.7
A
12V Operating Overload Current
Limit
IOVL12
RILIM12 = 47I (Notes 4, 6)
1.00
1.8
2.6
A
5V VRAMP5 Slew Rate
SRVRAMP CVRAMP5 = 1FF
0.16
0.19
0.23
V/ms
12V VRAMP12 Slew Rate
SRVRAMP CVRAMP12 = 1FF
0.13
0.15
0.18
V/ms
ARD5 Pullup Resistor
RPU5
100
kI
ARD12 Pullup Resistor
RPU12
kI


Similar Part No. - MAX34561T+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34565 MAXIM-MAX34565 Datasheet
1Mb / 10P
   12V Hot-Plug Switch in TDFN Package
Rev 0; 12/11
MAX3456E MAXIM-MAX3456E Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3456EETE MAXIM-MAX3456EETE Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3456EETE MAXIM-MAX3456EETE Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3456EEUD MAXIM-MAX3456EEUD Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
More results

Similar Description - MAX34561T+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4560 MAXIM-DS4560 Datasheet
308Kb / 8P
   12V Hot-Plug Switch
Rev 2; 5/09
MAX34565 MAXIM-MAX34565 Datasheet
1Mb / 10P
   12V Hot-Plug Switch in TDFN Package
Rev 0; 12/11
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Maxim Integrated Produc...
MAX743 MAXIM-MAX743 Datasheet
472Kb / 12P
   Dual-Output, Switch-Mode Regulator(5V to -15V or -12V)
19-2873; Rev 0; 7/90
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
   Power Supply - 12V/5V (2A)
12/1/2015
logo
STMicroelectronics
TDA8134 STMICROELECTRONICS-TDA8134 Datasheet
335Kb / 4P
   5V 12V REGULATOR WITH DISABLE
September 1993
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com