Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S212S01 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S212S01
Description  SIP Type SSR for Medium Power Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S212S01 Datasheet(HTML) 1 Page - Sharp Corporation

  S212S01 Datasheet HTML 1Page - Sharp Corporation S212S01 Datasheet HTML 2Page - Sharp Corporation S212S01 Datasheet HTML 3Page - Sharp Corporation S212S01 Datasheet HTML 4Page - Sharp Corporation S212S01 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S112S01 Series/S116S01 Series
S112S01 Series
S116S01 Series
s Outline Dimensions
(Unit : mm )
s Features
s Applications
3. Built-in zero-cross circuit
4. High repetitive peak OFF-state voltage
VDRM : 400V
VDRM : 600V
5. Isolation voltage between input and output
(Viso
1. Copiers, laser beam printers
2. Automatic vending machines
3. FA equipment
S112S01 / S112S02 / S116S01 / S116S02
S112S01 / S112S02
S116S01 / S116S02
S112S01 / S112S02
S116S01 / S116S02
For 100V
lines
For 200V
lines
S112S01
S212S01
S116S01
S216S01
S112S02
S212S02
S116S02
S216S02
For phase control
No built-in zero-cross circuit
Built-in zero-cross circuit
(5.08)(7.62)(2.54)
(1.4)
+
Internal connection diagram
*
A
B
12
3
4
12
3 4
12
3 4
3 Input ( + )
3 Input ( + )
A (Model No.)
B
S112S01
12A125VAC
S112S02
S116S01
16A125VAC
S116S02
S212S01
12A250VAC
S212S02
S216S01
16A250VAC
S216S02
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1. Compact, high radiation resin
mold package
2. RMS ON-state current
S112S01 Series : 12Arms at TC <= 70˚C
( With heat sink)
S116S01 Series : 16Arms at TC <= 60˚C
are common to terminal 1 .
( ) : Typical dimensions
1 Output (Triac T2)
2 Output (Triac T1)
1 Output (Triac T2)
2 Output (Triac T1)
SIP Type SSR for Medium
Power Control
g Do not allow external connection.
-
4 Input ( - )
4 Input ( - )
circuit
s Model line-ups
7. Approved by CSA, No. 63705
( With heat sink)
(S112S02 / S212S02 / S116S02 / S216S02 )
S212S01 / S212S02 / S216S01 / S216S02
Zero-cross
6. Recognized by UL, file No. E94758
: 4 000Vrms )
18.5 ± 0.2
16.4 ± 0.3
φ 3.2 ±0.2
5.5
± 0.2
4 - 1.1 ± 0.2
4 - 1.25 ± 0.3
4 - 0.8 ± 0.2
0.6 ± 0.1
S112S01/S116S01
S212S01/S216S01
S112S02/S116S02
S212S02/S216S02
* The metal parts marked*


Similar Part No. - S212S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S212S01F SHARP-S212S01F Datasheet
241Kb / 13P
   SIP 4pin Triac output SSR
More results

Similar Description - S212S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102S01 SHARP-S102S01 Datasheet
57Kb / 4P
   SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
   SIP Type SSR for Medium Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
   8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
   8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
   8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
   8-pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
   16-Pin DIP Type SSR for Low Power Control
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
   5mm Mini SIP SSR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com