Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S21MS3 Datasheet(PDF) 1 Page - Sharp Corporation

Part # S21MS3
Description  High Density Surface Mount Type Mini-flat Package Phototriac Coupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21MS3 Datasheet(HTML) 1 Page - Sharp Corporation

  S21MS3 Datasheet HTML 1Page - Sharp Corporation S21MS3 Datasheet HTML 2Page - Sharp Corporation S21MS3 Datasheet HTML 3Page - Sharp Corporation S21MS3 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S11MS3/
S21MS3/S21MS4
S11MS3/S21MS3/S21MS4
s Absolute Maximum Ratings
s Features
( 3.6 x 4.4 x 2.0mm)
2. Built-in zero-cross circuit
output (Viso
rms )
s Applications
1. For triggering of medium/high power
triacs
∗1 The definition of conduction angle θ of effective ON current IT should be as shown
in the right drawing.
∗2 50Hz sine wave
( Ta = 25˚C)
s Outline Dimensions
(Unit : mm )
Parameter
Symbol
Rating
Unit
S11MS3
S21MS3/S21MS4
Forward current
IF
50
mA
Reverse voltage
VR
6V
∗1 RMS ON-state current
IT
0.05
A rms
∗2 Peak one cycle surge current
I
0.6
A
Repetitive peak OFF-state voltage
VDRM
400
600
V
∗3 Isolation voltage
Viso
Vrms
Operating temperature
Topr
- 30 to + 100
˚C
Storage temperatrue
Tstg
- 40 to + 125
˚C
∗4 Soldering temperature
Tsol
260
˚C
S
Anode
mark
Model No.
C0.4
Input side
Internal connection
diagram
13
4
5
6
13
4
5
6
g
Zero-cross
circuit
6 ˚
1 Anode
cathode
3 Cathode
4 Anode/
(A)
0
θ
Soldering area
2 • IT
θ2
IT
θ1
360˚
90˚
180˚
θ1, θ2<= 90˚
6 Anode/
cathode
(S21MS4)
For 100V lines
For 200V lines
No built-in
zero-cross circuit
S11MS3
S21MS3
Built-in
zero-cross circuit
-
S21MS4
High Density Surface Mount Type
1. Ultra-compact, mini-flat package type
s Model Line-ups
5 No external connection
surge
∗4 For 10 seconds,
: 3 750V
3 750
∗3 40 to 60% RH, AC for 1 minute
3. High isolation voltage between input and
4. Recognized by UL, file No.E64380
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Mini-flat Package
Phototriac Coupler
g Zero-cross circuit for S21MS4
1.27± 0.25
0.4± 0.1
3.6± 0.3
5.3± 0.3
7.0
+ 0.2
- 0.7
0.5
+ 0.4
- 0.2


Similar Part No. - S21MS3

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
S21M15A PETERMANN-S21M15A Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
S21M7.5A PETERMANN-S21M7.5A Datasheet
200Kb / 3P
   HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
logo
Sharp Corporation
S21MA01 SHARP-S21MA01 Datasheet
59Kb / 4P
   6-pin DIP Type SSR for Low Power Control
S21MD10T SHARP-S21MD10T Datasheet
48Kb / 4P
   High Speed, High Sensitivity Type Phototriac Coupler
S21MD3 SHARP-S21MD3 Datasheet
48Kb / 4P
   High Noise Resistance Type Phototriac Coupler
More results

Similar Description - S21MS3

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S2S3 SHARP-S2S3 Datasheet
28Kb / 2P
   Mini-Flat Type Phototriac Coupler
S11MD5V SHARP-S11MD5V Datasheet
44Kb / 3P
   Mini-flat Type Phototriac Coupler
S2S4 SHARP-S2S4 Datasheet
261Kb / 15P
   Zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S3 SHARP-S2S3_04 Datasheet
277Kb / 16P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ SHARP-PC3SG11YIZ Datasheet
221Kb / 13P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PC3SG11YIZ0F SHARP-PC3SG11YIZ0F Datasheet
221Kb / 13P
   Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
S2S5 SHARP-S2S5 Datasheet
237Kb / 14P
   Cost effective Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
logo
COSMO Electronics Corp...
KPC354NT COSMO-KPC354NT Datasheet
280Kb / 2P
   Mini-flat package AC Input type Photo Coupler
logo
Sharp Corporation
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
   High Noise Resistance Type Phototriac Coupler
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
   High Noise-resistance Type Phototriac Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com