Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPF5009 Datasheet(PDF) 1 Page - Sanken electric

Part # SPF5009
Description  Low-side Switch ICs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPF5009 Datasheet(HTML) 1 Page - Sanken electric

  SPF5009 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
(Ta=25ºC)
Power supply voltage
Power Dissipation
Storage temperature
Channel temperature
Output avalanche capability
VB
PD
Tstg
Tch
EAV
V
W
ºC
ºC
mJ
Single pulse
40
Input terminal voltage
V(IN, SEL, B/U)
V
–0.5 to +6.5
Output terminal voltage (DC)
VOUT
V
50
Output terminal voltage (pulse)
VOUT
V
Output clamping (max 70V)
Output current (DC)
IOUT
A
±2.9
Output current (pulse)
IOUT
A
Over current protection starting current
Diag output source current
VDIAG
V
6.5
Diag output voltage
IDIAG
mA
5
2.8
–40 to +150
150
80
Equivalent Circuit Diagram
Circuit Example
Timing Chart
External Dimensions (unit: mm)
Features
● DMOS 4ch output
● Allows ON/OFF using C-MOS logic level
● Built-in over current and thermal protection circuit and diagnostic function to
detect open load
● Built-in output status signals (over current, over heat and open load)
52
VB
(7)
VIN B/U
(17)
VIN SEL
(5)
VIN 1
(6)
VIN 2
(8)
VIN 3
(18)
VIN 4
(20)
L-GND
(19)
VOUT1
(4)
VOUT2
(9)
VDIAG1
(3)
VOUT
SENSE
VDIAG2
(10)
P-GND1
(1, 2)
P-GND2
(11, 12)
VOUT3
(16)
VDIAG3
(15)
P-GND3
(13, 14)
VOUT4
(21)
VDIAG4
(22)
P-GND4
(23, 24)
Reg
Ref
Gate Protection
Gate driver
TSD
OUT OCP
Latch
Set
Reset
OSC
Monitor
VB
7
6
3
10
15
22
8
18
20
17
19
1, 2
11, 12
13, 14
23, 24
5
4916
21
LG
PG1
PG2
PG3
PG4
VIN1
VIN2
VIN3
VIN4
VINB/U
VINSEL
OUT1
OUT2
OUT3
OUT4
DIAG1
DIAG2
DIAG3
DIAG4
SPF5009
Main input signal 1
VIN1
Main input signal 2
VIN2
Backup input signal
VINB/U
Input select signal
VINSEL
Power supply voltage
VB
Output voltage 1
VOUT1
Output current 1
IOUT1
DIAG output 1
VDIAG1
DIAG output 2
VDIAG2
Nomal
Nomal
Main mode
Backup mode
Output 1
Overheat
Output 1
Overheat
Output 1
Over current
Output 1
Open load
Output 1
Over current
Output 1
Open load
OCP
OCP
Electrical Characteristics
Parameter
Symbol
min
typ
max
Unit
Conditions
Ratings
Quiescent circuit current
Operating circuit current
Overcurrent protection starting current
Forward voltage of output stage diode
Output moniter threshold voltage
(VB =14V, Ta = 25ºC unless otherwise specified)
Iq
VB=14V, VIN=0V
VB=14V, VO=1A
VB=14V
VB=14V, RL=14
Ω, IO=1A
VB=14V, RL=14
Ω, IO=1A
VB=14V, RL=14
Ω, IO=1A
VB=14V, RL=14
Ω, IO=1A
VB=14V, RL=14
Ω, IO=1A
VB=14V, RL=14
Ω, IO=1A
9
65
15
12
Power supply voltage
VB (opr)
V
5.5
40
mA
200
1.5
V
12
8
10
5
V
V
V
V
µs
µs
Id
Input voltage
(1 to 4, SEL, B/U)
Input current (single circuit)
(1 to 4, SEL, B/U)
VB=14V, VIN=5V (all inputs)
12
6.5
mA
VIN (H)
3.5
–0.5
VIN (L)
IIN (H)
IS
Thermal shutdown operating temperature
151
165
60
Output rise time
Output fall time
Output transfer time
µs
Tr
µs
Tf
12
DIAG output transfer time
t DON
8
µs
µs
t DOFF
ºC
TTSD
3.0
A
DIAG output voltage
6.4
V
VDIAG (L)
VDIAG (H)
VthM
Output leak current
IF=1A
0.5
10
DIAG output leak current
µA
IDH
IOH
VF
Output clamp voltage
Output ON resistance
VB=14V, IO=1A
VB=14V, VO=50V
70
50
1.5
2
6.5
V
VOUT (clamp)
VB=14V, IO=1A
0.18
TON
TOFF
VB=14V, VIN=0V
VB=14V, VIN=5V
VB=14V
VB=14V, VDIAG=6.5V
VB=14V, IDIAG=5mA
VB=14V, VDIAG=6.5V
VB=14V
VB=14V
30
µA
µA
µA
IIN (L)
RDS (ON)
1.0
+0.1
–0.05
0.25
+0.15
–0.05
17.28±0.2
15.58±0.2
1.27±0.25
24
112
13
0.4
+0.15
–0.05
a
b
a: Part No.
b: Lot No.
Fin
thickness
Low-side Switch ICs [Surface-mount 4-circuits]
SPF5009 (under development)


Similar Part No. - SPF5009

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5001 SANKEN-SPF5001 Datasheet
31Kb / 2P
   Surface-mount 4-circuit Low-side Switch Array
SPF5002 SANKEN-SPF5002 Datasheet
21Kb / 1P
   Surface-mount 4-circuit Low-side Switch Array
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
SPF5003 SANKEN-SPF5003 Datasheet
43Kb / 1P
   High-side Power Switch ICs [Surface-mount 2-circuits]
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results

Similar Description - SPF5009

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com