Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA38S Datasheet(PDF) 7 Page - Sanken electric

Part # TFA38S
Description  Reverse Blocking Triode Thyristor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TFA38S Datasheet(HTML) 7 Page - Sanken electric

Back Button TFA38S Datasheet HTML 3Page - Sanken electric TFA38S Datasheet HTML 4Page - Sanken electric TFA38S Datasheet HTML 5Page - Sanken electric TFA38S Datasheet HTML 6Page - Sanken electric TFA38S Datasheet HTML 7Page - Sanken electric TFA38S Datasheet HTML 8Page - Sanken electric TFA38S Datasheet HTML 9Page - Sanken electric TFA38S Datasheet HTML 10Page - Sanken electric TFA38S Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Reverse Blocking Triode Thyristor
TFA3x
Series
7
Leadframe plating Pb-free. Device
meets RoHS requirements.
10.0 ±0.2
Ø3.3 ±0.2
1.35 ±0.15
2.2 ±0.2
1.35 ±0.15
4.2 ±0.2
2.8 ±0.2
0.5 ±0.1 × 45°
2.6 ±0.1
Terminal dimension at lead tips
0.85
+0.2
–0.1
0.45
+0.2
–0.1
Branding
Area
XXXXXXXX
XXXXX
Gate burr: 0.3 mm (max.), mold flash may appear at opposite side
Terminal core material: Cu
Terminal treatment: Ni plating and Pb-free solder dip
Leadform: 600
Package: TO-220F (FM20)
Dimensions in millimeters
Branding codes (exact appearance at manufacturer discretion):
1st line,
type: TFA3xx
2nd line, lot:
YM
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
12
3
2.54 ±0.1
View A
View B
Deflection at pin bend
0.7 MAX
0.7 MAX
View A
Deflection at pin bend
0.7 MAX
0.7 MAX
View B
TO-220F Package Outline Drawing
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - TFA38S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA38S SANKEN-TFA38S Datasheet
286Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
75Kb / 3P
   Thyristors
More results

Similar Description - TFA38S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA88S SANKEN-TFA88S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA57S SANKEN-TFA57S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X_10 Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA10X SANKEN-TFA10X Datasheet
282Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
   Reverse Blocking Triode Thyristor
TFA5X SANKEN-TFA5X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com