Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMY1803-O Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMY1803-O
Description  Mylar Speaker
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMY1803-O Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMY1803-O Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mylar
Speaker
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
Mylar Speaker
CM Y1 3 0 2
CM Y1 3 0 3
CM Y1 5 0 3
CM Y1 8 0 3
CMY1504A080AZ
CMY1504A080TE
CMY1504A080TW
CM Y1803-O
CM Y1804-O
CM Y2 0 0 5
CM Y2 7 0 5
CM Y2 8 0 5
CM Y3 0 0 5
CM Y3 6 0 5
CM Y4 5 0 5
CM Y5 0 0 8
CM Y5 7 0 8
CM Y2 0 0 8
W idth
( m m )
H eigh t
(m m )
S ou n d
O u tpu t
( dB )
Rated Pow er
( W )
M ax. Pow er
( W )
CM Y1 3 0 2 A 0 9 0 LW
CM Y1 3 0 3 A 0 9 0 L S
CM Y1 5 0 3 A 0 9 0 TE
CM Y1 5 0 4 A 0 8 0 A Z
CM Y1 5 0 4 A 0 8 0 TE
CM Y1 5 0 4 A 0 8 0 TW
CM Y1 7 0 3 A 0 8 0 L Z
CM Y1 7 0 3 A 0 8 0 LW O
CM Y1 7 0 4 A 0 7 5 TW
CM Y1 7 0 4 A 0 8 0 TW
CM Y1 8 0 3 A 0 7 0 L Z
CM Y1 8 0 3 A 0 8 5 L Z O
CM Y1 8 0 4 A 0 9 5 TS O
CM Y2 0 0 3 A 0 6 0 A Z
CM Y2 0 0 3 A 0 8 0 A Z
CM Y2 0 0 5 A 0 7 0 A Z
CM Y2 7 0 5 C0 7 0 B Z
CM Y2 8 0 5 A 0 7 0 A Z
CM Y3 0 0 5 A 0 6 5 A Z
CM Y3 6 0 5 A 0 5 0 A Z
CM Y4 0 0 5 A 0 6 0 A Z
CM Y4 0 0 5 B 0 6 0 A Z
CM Y4 5 0 5 A 0 4 5 A Z
CM Y5 0 0 8 A 0 5 0 A Z
CM Y5 7 0 8 A 0 3 5 A Z
CM Y2 0 0 8 A 0 7 5 LW O
-
-
-
-
-
-
-
1 3
-
-
-
1 3
1 0
-
-
-
-
-
-
-
-
-
-
-
-
1 4
2 .4
3 .5
3 .3
4 .3
3 .9
3 .7
3 .4
3 .3 5
3 .7
3 .7
2 .7
3 .5
3 .8
3
3
5 .5
5
4 .9
4 .8
4 .9
5
5
5
7 .6
8 .4
3 .7
8 8
3
9 0
3
8 8
3
7 2
3
8 8
3
9 0
3
9 0
3
8 7
3
8 9
3
8 9
3
8 8
3
8 9
3
8 8
3
8 5
3
8 0
3
8 2
3
8 8
3
8 3
3
8 2
3
9 0
3
9 6
3
8 5
3
8 3
3
8 4
3
8 6 .6
3
8 7
3
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
8
1 0 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
3 2
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
1 6
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
8
1 5 %
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
±
0 .3
0 .5
0 .5
0 .2 5
0 .5
0 .5
0 .1
0 .8
0 .6 5
0 .5
0 .8
0 .8
0 .5
0 .4
0 .3
0 .5
0 .2 5
1
0 .5
0 .5
1
1
1
1
0 .5
0 .5
0 .6
0 .8
0 .8
0 .5
0 .8
1
1
1
1
0 .8
1
1
0 .7 5
0 .8
0 .5
1
0 .5
1 .5
1
0 .8
1 .5
1 .5
1 .5
2
0 .8
1
Can opu s Part n o.
A C
Im pedan ce
(
)
Reson an ce
F requ en cy
( f0 ) ( H z )
Respose
F requ en cy
f0 ~ ( H z )
H ousing
Term in al
W eigh t
( g )
1 3
1 3
1 5
1 5
1 5
1 5
1 7
1 7
1 7
1 7
1 8
1 8
1 8
2 0
2 0
2 3
2 7
2 8
3 0
3 6
4 0
4 0
4 5
5 0
5 7
2 0
9 0 0
9 0 0
9 0 0
8 0 0
8 0 0
8 0 0
8 0 0
8 0 0
7 5 0
8 0 0
7 0 0
8 5 0
9 5 0
6 0 0
8 0 0
7 0 0
7 0 0
7 0 0
6 5 0
5 0 0
6 0 0
6 0 0
4 5 0
5 0 0
3 5 0
7 5 0
2 5 0 ~ 1 0 K
2 5 0 ~ 1 0 K
7 0 0 ~ 1 2 K
2 0 K
6 0 0 ~ 1 0 K
7 0 0 ~ 1 2 K
2 5 0 ~ 1 0 K
2 5 0 ~ 1 0 K
6 0 0 ~ 1 2 K
7 0 0 ~ 1 2 K
1 0 K
2 0 0 ~ 1 0 K
7 0 0 ~ 1 2 K
2 0 K
2 0 K
2 0 K
5 K
1 0 K
6 K
1 0 K
1 5 K
5 .5 K
6 K
2 0 K
2 0 K
1 0 K
LCP
LCP
PB T
M etal
PB T
PB T
LCP
LCP
PB T
PB T
LCP
LCP
PB T
M etal
M etal
M etal
A B S
M etal
M etal
M etal
M etal
M etal
M etal
M etal
M etal
LCP
L eadw ire
S prin g Con tact
Plate
S older Pad
Plate
L eadw ire
S older Pad
L eadw ire
L eadw ire
L eadw ire
S older Pad
S older Pad
S prin g Con tact
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
S older Pad
L eadw ire
0 .7
1 .3
2
1 .6
1 .6
1 .2
1 .5
1 .3
1 .5
1 .5
1 .2 5
1 .3
1 .3
2 .4
2 .4
8 .4
4 .5
5 .8
5 .2
8 .6
9 .1
9 .1
1 0 .8
1 3 .2
1 6 .3
1
CM Y1 7 0 3
CM Y1 7 0 4
CM Y2 0 0 3
CM Y4 0 0 5


Similar Part No. - CMY1803-O

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CMY210 INFINEON-CMY210 Datasheet
156Kb / 10P
   GaAs Components
2001-01-01
logo
TriQuint Semiconductor
CMY210 TRIQUINT-CMY210 Datasheet
251Kb / 9P
   Ultra-Linear Mixer with Integrated LO Buffer
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
   Ultra-Linear Mixer with Integrated LO Buffer
logo
Infineon Technologies A...
CMY211 INFINEON-CMY211 Datasheet
139Kb / 7P
   GaAs MMIC
2001-01-01
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
More results

Similar Description - CMY1803-O

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MSI10A DBLECTRO-MSI10A Datasheet
1Mb / 7P
   Mylar Speaker
logo
List of Unclassifed Man...
ABS-205 ETC1-ABS-205 Datasheet
714Kb / 2P
   Speaker - Mylar Cone
GF1004M ETC1-GF1004M Datasheet
90Kb / 2P
   102mm, square frame, 6.0W, mylar cone Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
   Loud Speaker & Notebook Speaker
logo
Projects Unlimited, Inc...
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
   Speaker
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
   Speaker
AS03608MR-4-R PUI-AS03608MR-4-R Datasheet
284Kb / 1P
   Speaker
AS04008PO-2-R PUI-AS04008PO-2-R Datasheet
283Kb / 1P
   Speaker
AS04008PO-R PUI-AS04008PO-R Datasheet
256Kb / 1P
   Speaker
AS04008PS-2-R PUI-AS04008PS-2-R Datasheet
311Kb / 1P
   Speaker
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com