Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPB2416HC29NP Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CPB2416HC29NP
Description  Piezo Buzzer (DC)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CPB2416HC29NP Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CPB2416HC29NP Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Piezo
Buzzer (DC)
CPB2416
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CPB2622
CPB2409
3400
500
±
82 at 30cm
CPB2409GC34TW
3 ~ 20
9
10
Continuous
-20 ~ +65
PBT
4
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)
2900
500
±
85 at 30cm
CPB2416HC29NP
3 ~ 20
12
8
Continuous
-20 ~ +85
Noryl
6
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)
2800
500
±
CPB2622GC28BP
5 ~ 18
9 / 12
50
Continuous
-20 ~ +60
ABS
15
98 at 60cm
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)


Similar Part No. - CPB2416HC29NP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPB20 ETC2-CPB20 Datasheet
138Kb / 1P
   Switched Disconnects
CPB21 ETC2-CPB21 Datasheet
138Kb / 1P
   Switched Disconnects
CPB22 ETC2-CPB22 Datasheet
138Kb / 1P
   Switched Disconnects
logo
Canopus Electronics (H....
CPB2211 CANOPUS-CPB2211 Datasheet
797Kb / 1P
   Piezo Buzzer (DC)
CPB2211HC45BW CANOPUS-CPB2211HC45BW Datasheet
797Kb / 1P
   Piezo Buzzer (DC)
More results

Similar Description - CPB2416HC29NP

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPB1208 CANOPUS-CPB1208 Datasheet
784Kb / 1P
   Piezo Buzzer (DC)
CPB3015 CANOPUS-CPB3015 Datasheet
758Kb / 1P
   Piezo Buzzer (DC)
CPB3207 CANOPUS-CPB3207 Datasheet
790Kb / 1P
   Piezo Buzzer (DC)
CPB4333-H CANOPUS-CPB4333-H Datasheet
651Kb / 1P
   Piezo Buzzer (DC)
CPB2211 CANOPUS-CPB2211 Datasheet
797Kb / 1P
   Piezo Buzzer (DC)
CPB3626-R CANOPUS-CPB3626-R Datasheet
981Kb / 1P
   Piezo Buzzer (DC)
CPB4526 CANOPUS-CPB4526 Datasheet
900Kb / 1P
   Piezo Buzzer (DC)
CPB2626 CANOPUS-CPB2626 Datasheet
819Kb / 1P
   Piezo Buzzer (DC)
CPB2310 CANOPUS-CPB2310 Datasheet
762Kb / 1P
   Piezo Buzzer (DC)
CPB4216 CANOPUS-CPB4216 Datasheet
846Kb / 1P
   Piezo Buzzer (DC)
CPB5331 CANOPUS-CPB5331 Datasheet
890Kb / 1P
   Piezo Buzzer (DC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com