Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S22MD1V Datasheet(PDF) 4 Page - Sharp Corporation

Part # S22MD1V
Description  Photothyristor Coupler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S22MD1V Datasheet(HTML) 4 Page - Sharp Corporation

  S22MD1V Datasheet HTML 1Page - Sharp Corporation S22MD1V Datasheet HTML 2Page - Sharp Corporation S22MD1V Datasheet HTML 3Page - Sharp Corporation S22MD1V Datasheet HTML 4Page - Sharp Corporation S22MD1V Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S22MD1V/S22MD3
0
20406080
100
1
2
5
10
20
50
100
Fig. 7 Critical Rate of Rise of OFF-state
Voltage vs. Ambient Temperature
Ambient temperature T a (˚C)
R G = 20kΩ
V DRM = 1/
Rated
2
0
20406080
100
2
5
2
5
2
5
Fig. 9 Repetitive Peak OFF-state Current vs.
Ambient temperature T a (˚C)
V DRM = Rated
R G = 20kΩ
2
5
10 -6
10 -7
10 -8
Ambient Temperature
- 30
0
20406080
100
0.01
0.02
0.05
0.1
0.2
0.5
1
20k
50k
Fig. 8 Holding Current vs.
Ambient Temperature
Ambient temperature T a ( ˚C)
RG = 10kΩ
VD =6V


Similar Part No. - S22MD1V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S22MD2 SHARP-S22MD2 Datasheet
53Kb / 4P
   Photothyristor Coupler
More results

Similar Description - S22MD1V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S12MD1V SHARP-S12MD1V Datasheet
77Kb / 5P
   Photothyristor Coupler
S22MD2 SHARP-S22MD2 Datasheet
53Kb / 4P
   Photothyristor Coupler
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
   European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
logo
NTE Electronics
NTE3046 NTE-NTE3046 Datasheet
21Kb / 2P
   Optoisolator SCR Photothyristor Output
logo
M/A-COM Technology Solu...
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010446-C80370 MA-COM-MACP-010446-C80370_15 Datasheet
174Kb / 4P
   Coupler
logo
American Accurate Compo...
JXWBOH-T-50-2000-11 AAC-JXWBOH-T-50-2000-11 Datasheet
34Kb / 1P
   Coupler
logo
WECO ELECTRICAL CONNECT...
110-M-241 WECO-110-M-241 Datasheet
339Kb / 2P
   Coupler
07.13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com