Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT1845 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SBT1845
Description  Schottky Barrier Rectifiers ??Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SBT1845 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SBT1845 Datasheet HTML 1Page - Diotec Semiconductor SBT1845 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SBT1820 … SBT1845
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 500 µA
< 20 mA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 1.5 K/W
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current vs. temp. of the case
in Abh. v. d. Temp. Des Gehäuses
Zul. Richtstrom
[°C]
T
C
150
100
50
0
10
10
1
10
2
1
-2
10-1
[mA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 100°C
j
T = 125°C
j
T = 75°C
j
T = 50°C
j
T = 150°C
j
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T = 125°C
j
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
T = 25°C
j


Similar Part No. - SBT1845

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBT1845 DIOTEC-SBT1845 Datasheet
132Kb / 2P
   Schottky Barrier Rectifiers . Single Diode
SBT1845 DIOTEC-SBT1845 Datasheet
176Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - SBT1845

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBT1820 DIOTEC-SBT1820_13 Datasheet
132Kb / 2P
   Schottky Barrier Rectifiers . Single Diode
SBT2620 DIOTEC-SBT2620 Datasheet
115Kb / 2P
   Schottky Barrier Rectifiers ??Single Diode
SBT1020 DIOTEC-SBT1020_07 Datasheet
113Kb / 2P
   Schottky Barrier Rectifiers - Single Diode
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com