Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK1020D2 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK1020D2
Description  Surface Mount Schottky Rectifiers ??Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK1020D2 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK1020D2 Datasheet HTML 1Page - Diotec Semiconductor SK1020D2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SK1020D2 ... SK10100D2
SK1020D2 ... SK10100D2
Surface Mount Schottky Rectifiers – Single Diode
Schottky-Gleichrichter für die Oberflächenmontage – Einzeldiode
Version 2010-09-22
Dimensions - Maße [mm]
Nominal Current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...100 V
Plastic case
Kunststoffgehäuse
TO-263AB
D²PAK
Weight approx.
Gewicht ca.
1.6 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] 1)
IF = 5 A
IF = 10 A
SK1020D2
20
20
< 0.51
< 0.55
SK1030D2
30
30
< 0.51
< 0.55
SK1040D2
40
40
< 0.51
< 0.55
SK1045D2
45
45
< 0.51
< 0.55
SK1050D2
50
50
< 0.57
< 0.65
SK1060D2
60
60
< 0.57
< 0.65
SK1080D2
80
80
< 0.71
< 0.83
SK10100D2
100
100
< 0.71
< 0.83
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
10 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 2)
Peak forward surge current,
50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SK1020D2...
SK1060D2
TA = 25°C
IFSM
135/150 A
SK1080D2...
SK10100D2
TA = 25°C
IFSM
115/125 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
80 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
Tj = 25°C
2
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.4
4.5
0.2
±
1.2
5.08
0.8
1.3
1
Type
Typ
3
2
4
1 2 3
4
K
10.25 ±0.5


Similar Part No. - SK1020D2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2 Datasheet
166Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
SK1020D2 DIOTEC-SK1020D2_12 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2_17 Datasheet
166Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SK1020D2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK2020YD2 DIOTEC-SK2020YD2_13 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers . Single Diode
SK1020D2 DIOTEC-SK1020D2_12 Datasheet
121Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK2020YD2 DIOTEC-SK2020YD2 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1520YD2 DIOTEC-SK1520YD2 Datasheet
136Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com