Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY39B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ZY39B
Description  Silicon Power Z-Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZY39B Datasheet(HTML) 1 Page - Diotec Semiconductor

  ZY39B Datasheet HTML 1Page - Diotec Semiconductor ZY39B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZY10B ... ZY200B (2 W)
ZY10B ... ZY200B (2 W)
Silicon Power Z-Diodes (non-planar technology)
Silizium-Leistungs-Z-Dioden (flächendiffundierte Dioden)
Version 2011-08-22
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
2 W
Nominal Z-voltage
Nominale Z-Spannung
10...200 V
Plastic case
Kunststoffgehäuse
DO-41
(DO-204AL)
Weight approx.
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Standard Zener voltage tolerance is graded to the international E 24 standard (~ ±5%).
The devices ZY10B ... ZY200B are specially selected.
Other voltage tolerances and Zener voltages on request.
Die Standard-Toleranz der Z-Spannung ist gestuft nach der internationalen Reihe E 24 (~ ±5%).
Die Reihe ZY10B ... ZY200B ist eine Sonderselektion.
Andere Toleranzen oder Zener-Spannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Power dissipation
Verlustleistung
TA = 50°C
Ptot
2 W 1)
Non repetitive peak power dissipation, t < 10 ms
Einmalige Impuls-Verlustleistung, t < 10 ms
TA = 25°C
PZSM
60 W
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
<45 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
<15 K/W
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
2
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
2
Tested with pulses – Gemessen mit Impulsen
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø
±0.05
0.8
Ø
0.1
2.6
-


Similar Part No. - ZY39B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZY39B DIOTEC-ZY39B Datasheet
83Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
More results

Similar Description - ZY39B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZV58C8V2 DIOTEC-BZV58C8V2 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZY1 DIOTEC-ZY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZX39 DIOTEC-ZX39 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B Datasheet
93Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1 Datasheet
112Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
ZY10B DIOTEC-ZY10B_15 Datasheet
83Kb / 2P
   Silicon Power Z-Diodes (non-planar technology)
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com