Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

STM32F4-DISCOVERY Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STM32F4-DISCOVERY
Description  STM32F4 high-performance discovery board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F4-DISCOVERY Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F4-DISCOVERY Datasheet HTML 1Page - STMicroelectronics STM32F4-DISCOVERY Datasheet HTML 2Page - STMicroelectronics STM32F4-DISCOVERY Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2011
Doc ID 022204 Rev 1
1/3
3
STM32F4DISCOVERY
STM32F4 high-performance discovery board
Features
STM32F407VGT6 microcontroller featuring
32-bit ARM Cortex-M4F core, 1 MB Flash, 192
KB RAM in an LQFP100 package
On-board ST-LINK/V2 with selection mode
switch to use the kit as a standalone ST-
LINK/V2 (with SWD connector for
programming and debugging)
Board power supply: through USB bus or from
an external 5 V supply voltage
External application power supply: 3 V and 5 V
LIS302DL, ST MEMS motion sensor, 3-axis
digital output accelerometer
MP45DT02, ST MEMS audio sensor, omni-
directional digital microphone
CS43L22, audio DAC with integrated class D
speaker driver
Eight LEDs:
– LD1 (red/green) for USB communication
– LD2 (red) for 3.3 V power on
– Four user LEDs, LD3 (orange), LD4
(green), LD5 (red) and LD6 (blue)
– 2 USB OTG LEDs LD7 (green) VBus and
LD8 (red) over-current
Two push buttons (user and reset)
USB OTG FS with micro-AB connector
Extension header for all LQFP100 I/Os for
quick connection to prototyping board and easy
probing
Description
The STM32F4DISCOVERY helps you to discover
the STM32F4 high-performance features and to
develop your applications easily. It includes
everything required for beginners and
experienced users to get started quickly.
Based on the STM32F407VGT6, it includes an
ST-LINK/V2 embedded debug tool, two ST
MEMS, digital accelerometer and digital
microphone, one audio DAC with integrated class
D speaker driver, LEDs and push buttons and an
USB OTG micro-AB connector.
A large number of free ready-to-run application
firmware examples are available on
www.st.com/stm32f4-discovery to support quick
evaluation and development.
Table 1.
Device summary
Order code
Reference
STM32F4DISCOVERY
STM32F4 high-performance
discovery board
www.st.com


Similar Part No. - STM32F4-DISCOVERY

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
STM32F4-GAME STMICROELECTRONICS-STM32F4-GAME Datasheet
162Kb / 3P
   IAR Systems짰 Experiment! kits for STM32 microcontrollers
November 2013 Rev 1
STM32F4-NETMF STMICROELECTRONICS-STM32F4-NETMF Datasheet
127Kb / 3P
   Microsoft .NET Micro Framework environment for STM32F4 microcontrollers
More results

Similar Description - STM32F4-DISCOVERY

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
STM32F4DIS-EXT STMICROELECTRONICS-STM32F4DIS-EXT Datasheet
186Kb / 3P
   STM32F4 Discovery kit expansion boards
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
   SPC574S-DISP ??Discovery Board
August 2019
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY_V01 Datasheet
132Kb / 4P
   SPC56EL70L5DISP: Discovery evaluation board
August 2018
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
   SPC572L-DISP Discovery board
November 2018
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
   SPC584B-DIS Discovery Board
April 2020
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
   SPC584B-DISP Discovery Board
March 2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
245Kb / 4P
   SPC560B-DIS Discovery evaluation board
July 2015 Rev 3
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
   SPC570S-DISP Discovery evaluation board
April 2016
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
   SPC560P-DISP: Discovery evaluation board
August 2018
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
   SPC58 H Line Discovery Board
Rev 1 - March 2020
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz