Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ5E160K-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ5E160K-E
Description  Quad channel high side driver for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ5E160K-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ5E160K-E Datasheet HTML 9Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 10Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 11Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 12Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 13Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 14Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 15Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 16Page - STMicroelectronics VNQ5E160K-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
VNQ5E160K-E
Electrical specifications
Doc ID 14471 Rev 3
13/34
Figure 6.
Switching characteristics
Table 11.
Truth table
Conditions
INPUTn
OUTPUTn
STATUSn (VSD=0V)(1)
1.
If the VSD is high, the STATUS pin is in a high impedance.
Normal operation
L
H
L
H
H
H
Over temperature
L
H
L
L
H
L
Undervoltage
L
H
L
L
X
X
Overload &
Short circuit to GND
H
H
X
(no power limitation)
Cycling
(power limitation)
H
L
Output voltage > VOL
L
H
H
H
L(2)
H
2.
The STATUS pin is low with a delay equal to tDSTKON after INPUT falling edge.
Output current < IOL
L
H
L
H
H(3)
L
3.
The STATUS pin becomes high with a delay equal to tPOL after INPUT falling edge.
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
td(off)
td(on)
INPUT
t
t
90%
tWon
tWoff


Similar Part No. - VNQ5E160K-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
More results

Similar Description - VNQ5E160K-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E160K-E STMICROELECTRONICS-VNQ5E160K-E Datasheet
798Kb / 34P
   Quad channel high side driver for automotive applications
VNQ5050K-E STMICROELECTRONICS-VNQ5050K-E Datasheet
108Kb / 13P
   QUAD CHANNEL HIGH SIDE DRIVER FOR AUTOMOTIVE APPLICATIONS
VNQ5160K-E STMICROELECTRONICS-VNQ5160K-E Datasheet
474Kb / 30P
   Quad channel high side driver for automotive applications
VNQ5E050K-E STMICROELECTRONICS-VNQ5E050K-E Datasheet
602Kb / 34P
   Quad channel high side driver for automotive applications
VN5160STR-E STMICROELECTRONICS-VN5160STR-E Datasheet
383Kb / 31P
   Single channel high side driver for automotive applications
VN5050J-E STMICROELECTRONICS-VN5050J-E_07 Datasheet
543Kb / 31P
   Single channel high side driver for automotive applications
VNQ7140AJ-E STMICROELECTRONICS-VNQ7140AJ-E Datasheet
1Mb / 48P
   Quad channel high-side driver with MultiSense analog feedback for automotive applications
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
   Quad channel high side driver with analog current sense for automotive applications
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
   Quad channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com