Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4629HDT050T5G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4629HDT050T5G
Description  500 mA, Wide Input Range, LDO Linear Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4629HDT050T5G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP4629HDT050T5G Datasheet HTML 3Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 4Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 5Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 6Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 7Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 8Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 9Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 10Page - ON Semiconductor NCP4629HDT050T5G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NCP4629
http://onsemi.com
7
TYPICAL CHARACTERISTICS
FREQUENCY (kHz)
Figure 21. Output Noise Density, VOUT = 5 V
12
10
8
6
4
0
2
FREQUENCY (kHz)
Figure 22. Output Noise Density, VOUT = 6 V
0.01
0.1
1
10
100
1000
8
0.01
0.1
1
10
100
1000
7
6
5
4
3
2
1
0
FREQUENCY (kHz)
Figure 23. Output Noise Density, VOUT = 12 V
30
0.01
0.1
1
10
100
1000
25
20
15
10
5
0
4.80
4.85
4.90
4.95
5.00
5.05
5.10
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Figure 24. Load Transient Response at Output
Current Step 1 mA to 500 mA, VOUT = 5 V
t (ms)
750
500
250
0


Similar Part No. - NCP4629HDT050T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
More results

Similar Description - NCP4629HDT050T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
NCP4640H033T1G ONSEMI-NCP4640H033T1G Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4640 ONSEMI-NCP4640 Datasheet
396Kb / 17P
   50 mA, Wide Input Range, Voltage Regulator
February, 2011 ??Rev. 1
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com