Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4589DMX12TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4589DMX12TCG
Description  300 mA, Tri-Mode, LDO Linear Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4589DMX12TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4589DMX12TCG Datasheet HTML 1Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 2Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 3Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 4Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 5Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 6Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 7Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 8Page - ON Semiconductor NCP4589DMX12TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 0
1
Publication Order Number:
NCP4589/D
NCP4589
300 mA, Tri-Mode, LDO
Linear Voltage Regulator
The NCP4589 is a CMOS 300 mA LDO which switches to a low
power mode under light current loads. The device automatically
switches back to a fast response mode as the output load increases
above 3 mA (typ.). The device can be placed in permanent fast mode
through a mode select pin. The family is available in a variety of
packages: SC−70, SOT23 and a small, ultra thin 1.2 x 1.2 x 0.4 mm
XDFN.
Features
Operating Input Voltage Range: 1.4 V to 5.25 V
Output Voltage Range: 0.8 to 4.0 V (available in 0.1 V steps)
Supply Current: Low Power Mode – 1.0 mA at VOUT < 1.85 V
Fast Mode – 55
mA
Standby Mode – 0.1
mA
Dropout Voltage: 230 mV Typ. at IOUT = 300 mA, VOUT = 2.8 V
±1% Output Voltage Accuracy (VOUT > 2 V, TJ = 25 °C)
High PSRR: 70 dB at 1 kHz (Fast response mode)
Line Regulation 0.02%/V Typ.
Current Fold Back Protection
Stable with Ceramic Capacitors
Available in 1.2x1.2 XDFN, SC−70 and SOT23 Package
These are Pb−free Devices
Typical Applications
Battery Powered Equipments
Portable Communication Equipments
Cameras, Image Sensors and Camcorders
VIN
VOUT
CE
GND
C1
C2
1m
VIN
VOUT
NCP4589
AE
1m
Figure 1. Typical Application Schematic
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 27 of this data sheet.
ORDERING INFORMATION
SC−70
CASE 419A
XXXX
= Specific Device Code
MM
= Date Code
MARKING
DIAGRAMS
XDFN6
CASE 711AA
XX
MM
XXX
XMM
SOT−23−5
CASE 1212
XXX
MM


Similar Part No. - NCP4589DMX12TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586DMU12TCG ONSEMI-NCP4586DMU12TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586DMU14TCG ONSEMI-NCP4586DMU14TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586DMU15TCG ONSEMI-NCP4586DMU15TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results

Similar Description - NCP4589DMX12TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com