Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1501BT-ADJ-5L Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM1501BT-ADJ-5L
Description  5.0A, 300kHz, Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1501BT-ADJ-5L Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM1501BT-ADJ-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1501BT-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5.0A, 300kHz, Step-down Switching Regulator
LM1501B
Mar. 2011 – Ver. 1.2
4
HTC
TYPICAL APPLICATION
TYPICAL OPERATING CHARACTERISTICS
T.B.D
APPLICATION INFORMAION
T.B.D
LM1501B-5.0


Similar Part No. - LM1501BT-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
Power-One
LM1501-7R POWER-ONE-LM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LM1501-7R POWER-ONE-LM1501-7R Datasheet
83Kb / 4P
   50-Watt AC-DC Cassette Converters
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
LM1501AR HTC-LM1501AR Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
More results

Similar Description - LM1501BT-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
Exar Corporation
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
   3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Aimtron Technology
AT1792 AIMTRON-AT1792 Datasheet
1Mb / 14P
   2A/18V/300KHz Step-Down Voltage Regulator
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com