Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

346MS8GE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 346MS8GE
Description  GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

346MS8GE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  346MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 346MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 346MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 346MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 346MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 346MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 103
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Relative Attenuation
Relative Attenuation vs.
Control Voltage @ 4 GHz
Insertion Loss vs. Temperature
Return Loss vs. Attenuation
Relative Phase
Relative Attenuation vs.
Control Voltage @ 8 GHz
-4
-3
-2
-1
0
01
234
5678
9
10
T+25C
T -40C
T+85C
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
30
RELATIVE ATTENUATION (dB)
V2 +85C
V2 +25C
V2 -40C
V1 +85C
V1 +25C
V1 -40C
-30
-25
-20
-15
-10
-5
0
01
234
5678
9
10
MIN
15 dB
MAX
FREQUENCY (GHz)
0
20
40
60
80
100
120
140
01
234
5678
9
10
FREQUENCY (GHz)
5 dB
10 dB
15 dB
20 dB
25 dB 30 dB
max
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
30
RELATIVE ATTENUATION (dB)
V2 +85C
V2 +25C
V2 -40C
V1 +85C
V1 +25C
V1 -40C
-40
-30
-20
-10
0
01
234
5678
9
10
FREQUENCY (GHz)
HMC346MS8G / 346MS8GE
v07.1008
GaAs MMIC SMT VOLTAGE-VARIABLE
ATTENUATOR, DC - 8 GHz


Similar Part No. - 346MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
346MS8GE HITTITE-346MS8GE Datasheet
316Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results

Similar Description - 346MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC121G8 HITTITE-HMC121G8 Datasheet
105Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz
HMC121G8 HITTITE-HMC121G8_01 Datasheet
132Kb / 4P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Analog Devices
HMC346AMS8G AD-HMC346AMS8G Datasheet
898Kb / 4P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC346MS8G HITTITE-HMC346MS8G Datasheet
265Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_07 Datasheet
316Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346C8 HITTITE-HMC346C8_08 Datasheet
256Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_08 Datasheet
226Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC121C8 HITTITE-HMC121C8 Datasheet
191Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 10 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com