Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1679 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SA1679
Description  Switching Power Transistor(-5A PNP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SA1679 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  2SA1679 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SA1679 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SA1679 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SA1679 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SA1679 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SA1679 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SA1679 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SA1679 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


Similar Part No. - 2SA1679

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1679 ISC-2SA1679 Datasheet
112Kb / 3P
   Silicon PNP Power TransistorPower Transistors
logo
Savantic, Inc.
2SA1679 SAVANTIC-2SA1679 Datasheet
223Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1679 JMNIC-2SA1679 Datasheet
155Kb / 3P
   Silicon PNP Power Transistors
2SA1679 JMNIC-2SA1679 Datasheet
155Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1679 NJSEMI-2SA1679 Datasheet
130Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SA1679

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1878 SHINDENGEN-2SA1878 Datasheet
396Kb / 8P
   Switching Power Transistor(-5A PNP)
2SA1877 SHINDENGEN-2SA1877 Datasheet
382Kb / 8P
   Switching Power Transistor(-5A PNP)
2SA1795 SHINDENGEN-2SA1795 Datasheet
376Kb / 8P
   Switching Power Transistor(-5A PNP)
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
   Switching Power Transistor(5A NPN)
2SC4980 SHINDENGEN-2SC4980 Datasheet
395Kb / 8P
   Switching Power Transistor(5A NPN)
2SC5241 SHINDENGEN-2SC5241 Datasheet
508Kb / 12P
   Switching Power Transistor(5A NPN)
2SC4054 SHINDENGEN-2SC4054 Datasheet
497Kb / 12P
   Switching Power Transistor(5A NPN)
2SC4053 SHINDENGEN-2SC4053 Datasheet
519Kb / 12P
   Switching Power Transistor(5A NPN)
2SC4663 SHINDENGEN-2SC4663 Datasheet
409Kb / 9P
   Switching Power Transistor(5A NPN)
2SC4979 SHINDENGEN-2SC4979 Datasheet
379Kb / 8P
   Switching Power Transistor(5A NPN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com