Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

HMC358MS8GE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part No. HMC358MS8GE
Description  MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC358MS8GE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC358MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC358MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC358MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC358MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC358MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC358MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
11
11 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC358MS8G / 358MS8GE
MMIC VCO w/ BUFFER
AMPLIFIER, 5.8 - 6.8 GHz
v04.0607
General Description
Features
Functional Diagram
The HMC358MS8G & HMC358MS8GE are GaAs
InGaP Heterojunction Bipolar Transistor (HBT) MMIC
VCOs. The HMC358MS8G & HMC358MS8GE inte-
grate resonators, negative resistance devices, varac-
tor diodes, and buffer amplifiers. The VCO’s phase
noise performance is excellent over temperature,
shock, and process due to the oscillator’s monolithic
structure. Power output is 11 dBm typical from a 3V
supply voltage. The voltage controlled oscillator is
packaged in a low cost, surface mount 8 lead MSOP
package with an exposed base for improved RF and
thermal performance.
Pout: +11 dBm
Phase Noise: -110 dBc/Hz @100 KHz
No External Resonator Needed
Single Supply: 3V @ 100 mA
15mm2 MSOP8G SMT Package
Typical Applications
Low noise MMIC VCO w/Buffer Amplifier
for C-Band applications such as:
• UNII & Pt. to Pt. Radios
• 802.11a & HiperLAN WLAN
• VSAT Radios
Electrical Specifications, T
A = +25° C, Vcc = +3V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
5.8 - 6.8
GHz
Power Output
811
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-110
dBc/Hz
Tune Voltage (Vtune)
0
10
V
Supply Current (Icc)
100
mA
Tune Port Leakage Current (Vtune= 10V)
10
μA
Output Return Loss
9dB
Harmonics
2nd
3rd
-10
-20
dB
dB
Pulling (into a 2.0:1 VSWR)
10
MHz pp
Pushing @ Vtune= +3V
150
MHz/V
Frequency Drift Rate
0.8
MHz/°C


Similar Part No. - HMC358MS8GE

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
HMC358MS8GE AD-HMC358MS8GE Datasheet
570Kb / 6P
   VSAT Radios
More results

Similar Description - HMC358MS8GE

ManufacturerPart No.DatasheetDescription
Hittite Microwave Corporation
Hittite Microwave Corpo...
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC358MS8G HITTITE-HMC358MS8G_07 Datasheet
259Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC505LP4 HITTITE-HMC505LP4_08 Datasheet
233Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.8 - 7.4 GHz
HMC505LP4 HITTITE-HMC505LP4 Datasheet
337Kb / 6P
   MMIC VCO wl BUFFER AMPLIFIER, 6.8 - 7.4 GHz
HMC385LP4 HITTITE-HMC385LP4_06 Datasheet
352Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC389LP4 HITTITE-HMC389LP4_07 Datasheet
324Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.35 - 3.55 GHz
HMC466LP4 HITTITE-HMC466LP4 Datasheet
277Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
HMC386LP4 HITTITE-HMC386LP4 Datasheet
236Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.6 - 2.8 GHz
HMC430LP4 HITTITE-HMC430LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC431LP4 HITTITE-HMC431LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz