Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3845A Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM3845A
Description  CURRENT MODE PWM CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM3845A Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM3845A Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM3845A Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM3845A Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM3845A Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM3845A Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM3845A Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CURRENT MODE PWM CONTROLLER
LM3842A/3A/4A/5A
Note: 1. Adjust Vcc above the start threshould before setting at 15V.
2. Parameter measured at trip point of latch with VFB - 0.
3. Comparator Gain defined as:
Fig.1 Open Loop Test Circuit
High peak currents associated with capacitive loads necessitate careful grounding techniques
Timing and bypass capacitors should be connected close to pin 5 in a single point ground.
The transistor and 5KΩ potentiometer are used to sample the oscillator waveform and apply an
adjustable ramp to pin 3.
Fig.2 Under Voltage Lockout
LM3842A
LM3843/5A
VON
16V
8.4V
VOFF
10V
7.6V
During Under-Voltage Lock-Out, the output driver is biased to a high impedance state.
Pin 6 should be shunted to ground with a bleeder resistor to prevent activating the power switch
with output leakage current.
HTC
3 −
ΔV Output Compensation(pin FB)
ΔV Current Sanseinput(pin CS)
A
=
;
1
2
3
4
8
7
6
5
COMP
VREF
VFB
VC
OUTPUT
GND
ISENSE
RT/CT
LM3842A
0.1
0.1
A
CT
OUTPUT
1K/1W
VREF
V1
RT
100K
2N
2222
4.7K
E/A
ADJUST
1K
5K
ISENSE
ADJUST
4.7K
7
ON/OFF COMMAND
TO REST OF IC
< 15mA
< 1mA
VOFF VON
VCC
ICC


Similar Part No. - LM3845A

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM3845A HTC-LM3845A Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3845AD HTC-LM3845AD Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
LM3845AN HTC-LM3845AN Datasheet
353Kb / 7P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - LM3845A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com