Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM39300 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM39300
Description  3A Low-Voltage Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39300 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM39300 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3A Low-Voltage Low-Dropout Regulator
LM39300/39301/39302
FEATURES
3A minimum guaranteed output current
500mV typical dropout at 3A
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.5V conversion
1% initial accuracy
Low ground current
Current limiting and thermal shutdown
Reversed-battery protection
Reversed-leakage protection
Fast transient response
TTL/CMOS compatible enable pin => LM39301
Error flag output - LM39301 only
Adjustable version - LM39302 only
TO-263 and TO-220 packaging
Moisture Sensitivity Level 3
APPLICATIONS
LDO linear regulator for PC add-in cards
High-efficiency linear power supplies
Multimedia and PC processor supplies
SMPS post regulator
Low-voltage microcontrollers
StrongARM™ processor supply
ORDERING INFORMATION
DESCRIPTION
2008 - Ver 1.0
HTC
LM39302T-Adj
LM39302-Adj
LM39300T-X.X
TO-220
LM39301T-X.X
TO-220
LM39301R-X.X
TO-263
LM39301-X.X
LM39302R-Adj
LM39300R- X.X
LM39301-X.X
Regulator Output
ADJ
OUT
Device
Marking
Flag (Output): Open-collector error flag output.
183
TO-220
GND
FLG
Ground pin and TAB are internally connected.
LM39300-X.X
Adjustment Input: Feedback input.
Package
LM39302-Adj
TO-263
PIN DESCRIPTION
Enable
(Input)
IN
CMOS-compatible control input.
Logic high = enable, logic
Logic low or open = Shutdown
Supply (Input): +16V maximum supply
TO-263
LM39300-X.X
* X.X = Fixed Vout = 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
The LM39300/1/2 is ideal for PC add-in cards that need to convert from standard 5V or 3.3V down to
new, lower core voltages. A guaranteed maximum dropout voltage of 500mV over all operating conditions
allows the LM39300/1/2 to pro-vide 2.5V from a supply as low as 3V.
The LM39300/1/2 also has fast transient response for heavy switching applications.The device requires
only 47F of output capacitance to maintain stability and achieve fast transient responseThe LM39300/1 is
fully protected with over current limiting,thermal shutdown, reversed-battery protection, reversed-leakage
protection, and reversed-lead insertion. The LM39301 offers a TTL-logic compatible enable pin and an
error flag that indicates under voltage and over current conditions. Offered in fixed voltages, the
LM39300/1/2 comesin the TO-220 and TO-263 packages and is an ideal upgrade to older, NPN-based
linear voltage regulators.
TO263-3L / TO220-3L
(39300-x.x Fixed only)
1. In
2. Gnd
3. Out
1. En
2. In
3. Gnd
4. Out
5. Flg or Adj
TO263-5L / TO220-5L
(39301-x.x & 39302 only)
The LM39300, LM39301 and LM39302 are 3.0A
low-dropout linear voltage regulators that provide
a low voltage, high-current output with a
minimum of external components.
The LM39300/1 offers extremely low dropout
(typically 400mV at 3.0A) and low ground current
(typically 36mA at 3.0A).
1
3
1
5
1
3
1
5


Similar Part No. - LM39300

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
LM39300-1.5 HTC-LM39300-1.5 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
LM39300-1.8 HTC-LM39300-1.8 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
LM39300-2.5 HTC-LM39300-2.5 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
LM39300-3.3 HTC-LM39300-3.3 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
More results

Similar Description - LM39300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
   3A Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
   3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
   3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com