Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ1509AD-ADJ Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TJ1509AD-ADJ
Description  150kHz, 2A PWM Buck DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ1509AD-ADJ Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  TJ1509AD-ADJ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ1509AD-ADJ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ1509AD-ADJ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ1509AD-ADJ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ1509AD-ADJ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ1509AD-ADJ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ1509AD-ADJ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ1509AD-ADJ Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
150kHz, 2A PWM Buck DC/DC Converter
TJ1509A
HTC
- 7 -
TYPICAL PERFORMANCE CHARACTERISTICS
TJ1509A Threshold Voltage vs. Temperature
(Vcc=12V, Io=100mA)
TJ1509A ON/OFF Current vs. ON/OFF Voltage
(Vin=12V)
TJ1509A Feedback Current vs. Temperature
(Vcc=12V, Vout=5V, Vfb=1.3V)
TJ1509A Frequency vs. Temperature
(Vcc=12V, Io=500mA, Vout=5V)
TJ1509A Output Voltage vs. Temperature
(Vin=12V, Io=2A)


Similar Part No. - TJ1509AD-ADJ

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TJ150A TOPSTEK-TJ150A Datasheet
119Kb / 2P
   Topstek Current Transducer
logo
Toshiba Semiconductor
TJ150F04M3L TOSHIBA-TJ150F04M3L Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TJ150F06M3L TOSHIBA-TJ150F06M3L Datasheet
314Kb / 10P
   Motor Drivers
TJ150F06M3L TOSHIBA-TJ150F06M3L Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TJ1509AD-ADJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
E-CMOS Corporation
EC9309 E-CMOS-EC9309 Datasheet
1Mb / 15P
   2A 150KHz PWM Buck DC/DC Converter
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com