Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3940S-1.5V-3L Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3940S-1.5V-3L
Description  1A Ultra Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3940S-1.5V-3L Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ3940S-1.5V-3L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3940S-1.5V-3L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3940S-1.5V-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3940S-1.5V-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3940S-1.5V-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3940S-1.5V-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3940S-1.5V-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3940S-1.5V-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1A Ultra Low Dropout Linear Regulator
TJ3940
Jan. 2011 – Rev.1.0
- 1 -
HTC
SOT-223 3L PKG
TO-252 3L PKG
ORDERING INFORMATION
Device
Package
TJ3940S-X.X
SOT-223 3L
TJ3940GRS-X.X
TO-252 3L
FEATURES
Ultra Low Dropout Voltage
Low Ground Pin Current
Excellent Line and Load Regulation
Guaranteed Output Current of 1A
Available in SOT-223, TO-252 Package
Fixed Output Voltages : 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V
Over-Temperature/Over-Current Protection
-40℃ to 125℃ Junction Temperature Range
Moisture Sensitivity Level 3
APPLICATION
Battery Powered Equipments
Motherboards and Graphic Cards
Microprocessor Power Supplies
Peripheral Cards
High Efficiency Linear Regulators
Battery Chargers
X.X = Output Voltage = 1.2, 1.5, 1.8, 2.5, and 3.3
DESCRIPSION
The TJ3940 series of high performance ultra low-dropout linear regulators operates from 2.5V to 6V input supply
and provides ultra low-dropout voltage, high output current with low ground current. Wide range of preset output
voltage options are available. These ultra low dropout linear regulators respond fast to step changes in load which
makes them suitable for low voltage micro-processor applications. The TJ3940 is developed on a CMOS process
technology which allows low quiescent current operation independent of output load current. This CMOS process
also allows the TJ3940 to operate under extremely low dropout conditions.
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage (Survival)
VIN
-0.3
6.5
V
Maximum Output Current
IMAX
-
1.0
A
Lead Temperature (Soldering, 5 sec)
TSOL
260
Storage Temperature Range
TSTG
-65
150
Operating Junction Temperature Range
TJOPR
-40
125


Similar Part No. - TJ3940S-1.5V-3L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3940S-1.5V-3L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com