Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965RS-ADJ-5L Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965RS-ADJ-5L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965RS-ADJ-5L Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  TJ3965RS-ADJ-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965RS-ADJ-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 3 -
HTC
Ordering Information
(Continued)
VOUT
Package
Order No.
Description
Supplied As
Status
MSOP8
TJ3965MD-2.5V-8L
1.5A, Enable, SENSE
Reel
Contact us
SOP8
TJ3965D-2.5V-8L
1.5A, Enable, SENSE
Reel
Active
SOP8-PP
TJ3965DP-2.5V-8L
1.5A, Enable, SENSE
Reel
Active
SOT-223 3L
TJ3965S-2.5V-3L
1.5A
Reel
Active
TO -252 3L
TJ3965RS-2.5V-3L
1.5A
Reel
Obsolete
TO -252 3L
TJ3965GRS-2.5V-3L
1.5A
Reel
Active
TO -252 5L
TJ3965RS-2.5V-5L
1.5A, Enable, SENSE
Reel
Obsolete
TO -252 5L
TJ3965GRS-2.5V-5L
1.5A, Enable, SENSE
Reel
Active
TO -263 3L
TJ3965R-2.5V-3L
1.5A
Reel
Obsolete
TO -263 3L
TJ3965GR-2.5V-3L
1.5A
Reel
Active
TO -263 5L
TJ3965R-2.5V-5L
1.5A, Enable, SENSE
Reel
Obsolete
TO -263 5L
TJ3965GR-2.5V-5L
1.5A, Enable, SENSE
Reel
Active
TO-220 3L
TJ3965T-2.5V-3L
1.5A
Tube
Active
TO-220 5L
TJ3965T-2.5V-5L
1.5A, Enable, SENSE
Tube
Active
2.5V
SOT-89 5L
TJ3965F-2.5V-5L
1.5A, Enable, SENSE
Reel
Active
MSOP8
TJ3965MD-3.3V-8L
1.5A, Enable, SENSE
Reel
Contact us
SOP8
TJ3965D-3.3V-8L
1.5A, Enable, SENSE
Reel
Active
SOP8-PP
TJ3965DP-3.3V-8L
1.5A, Enable, SENSE
Reel
Active
SOT-223 3L
TJ3965S-3.3V-3L
1.5A
Reel
Active
TO -252 3L
TJ3965RS-3.3V-3L
1.5A
Reel
Obsolete
TO -252 3L
TJ3965GRS-3.3V-3L
1.5A
Reel
Active
TO -252 5L
TJ3965RS-3.3V-5L
1.5A, Enable, SENSE
Reel
Obsolete
TO -252 5L
TJ3965GRS-3.3V-5L
1.5A, Enable, SENSE
Reel
Active
TO -263 3L
TJ3965R-3.3V-3L
1.5A
Reel
Obsolete
TO -263 3L
TJ3965GR-3.3V-3L
1.5A
Reel
Active
TO -263 5L
TJ3965R-3.3V-5L
1.5A, Enable, SENSE
Reel
Obsolete
TO -263 5L
TJ3965GR-3.3V-5L
1.5A, Enable, SENSE
Reel
Active
TO-220 3L
TJ3965T-3.3V-3L
1.5A
Tube
Active
TO-220 5L
TJ3965T-3.3V-5L
1.5A, Enable, SENSE
Tube
Active
3.3V
SOT-89 5L
TJ3965F-3.3V-5L
1.5A, Enable, SENSE
Reel
Active
MSOP8
TJ3965MD-5.0V-8L
1.5A, Enable, SENSE
Reel
Contact us
SOP8
TJ3965D-5.0V-8L
1.5A, Enable, SENSE
Reel
Active
SOP8-PP
TJ3965DP-5.0V-8L
1.5A, Enable, SENSE
Reel
Active
SOT-223 3L
TJ3965S-5.0V-3L
1.5A
Reel
Active
TO -252 3L
TJ3965RS-5.0V-3L
1.5A
Reel
Obsolete
TO -252 3L
TJ3965GRS-5.0V-3L
1.5A
Reel
Active
TO -252 5L
TJ3965RS-5.0V-5L
1.5A, Enable, SENSE
Reel
Obsolete
TO -252 5L
TJ3965GRS-5.0V-5L
1.5A, Enable, SENSE
Reel
Active
TO -263 3L
TJ3965R-5.0V-3L
1.5A
Reel
Obsolete
TO -263 3L
TJ3965GR-5.0V-3L
1.5A
Reel
Active
TO -263 5L
TJ3965R-5.0V-5L
1.5A, Enable, SENSE
Reel
Obsolete
TO -263 5L
TJ3965GR-5.0V-5L
1.5A, Enable, SENSE
Reel
Active
TO-220 3L
TJ3965T-5.0V-3L
1.5A
Tube
Active
TO-220 5L
TJ3965T-5.0V-5L
1.5A, Enable, SENSE
Tube
Active
5.0V
SOT-89 5L
TJ3965F-5.0V-5L
1.5A, Enable, SENSE
Reel
Active


Similar Part No. - TJ3965RS-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965R-1.2 ETC1-TJ3965R-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965R-1.8 ETC1-TJ3965R-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965R-2.5 ETC1-TJ3965R-2.5 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965R-3.3 ETC1-TJ3965R-3.3 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
TJ3965R-5.0 ETC1-TJ3965R-5.0 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965RS-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com