Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ4519DP Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4519DP
Description  600kHz 3A Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4519DP Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ4519DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ4519DP Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
600kHz 3A Step-Down Switching Regulator
TJ4519
Jul. 2010 – Preliminary
- 11 -
HTC
Loop Gain T(s)
Power Stage
ωP1
ωZ
ωC
ωP2
Mag
Figure 4. Asymptotic diagrams of power stage with current loop closed and its loop gain.
The design guidelines for the TJ4519 applications are as following:
1. Set the loop gain crossover corner frequency
ωC for given switching corner frequency ωC = 2πfC
2. Place an integrator at the origin to increase DC and low frequency gains.
3. Select
ωZ such that it is placed at ωP1 to obtain a -20dB/dec rate to go across the 0dB line.
4. Place a high frequency compensator pole
ωP2 P2 = πfs) to get the maximum attenuation of the switching
ripple and high frequency noise with the adequate phase lag at
ωC.
Layout Guidelines:
In order to achieve optimal electrical and thermal performance for high frequency converters, special attention
must be paid to the PCB layouts. The goal of layout optimization is to identify the high di/dt loops and minimize
them. The following guidelines should be used to ensure proper operation of the converters.
1. A ground plane is suggested to minimize switching noises and trace losses and maximize heat transferring.
2. Start the PCB layout by placing the power components first. Arrange the power circuit to achieve a clean power
flow route. Put all power connections on one side of the PCB with wide copper filled areas if possible.
3. The VIN bypass capacitor should be placed next to the VIN and GND pins.
4. The trace connecting the feedback resistors to the output should be short, direct and far away from any noise
sources such as switching node and switching components.
5. Minimize the loop including input capacitor, the TJ4519 and freewheeling diode D2. This loop passes high di/dt
current. Make sure the trace width is wide enough to reduce copper losses in this loop. 6. Maximize the trace
width of the loop connecting the inductor, freewheeling diode D2 and the output capacitor.
7. Connect the ground of the feedback divider and the compensation components directly to the GND pin of the
TJ4519 by using a separate ground trace.
8. Connect Pin 4 to a large copper area to remove the IC heat and increase the power capability of the TJ4519. A
few feed through holes are required to connect this large copper area to a ground plane to further improve the
thermal environment of the TJ4519. The traces attached to other pins should be as wide as possible for the
same purpose.


Similar Part No. - TJ4519DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ4 VISHAY-TJ4 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ4 VISHAY-TJ4 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
logo
Toshiba Semiconductor
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
257Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ40S04M3L TOSHIBA-TJ40S04M3L_V01 Datasheet
257Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
More results

Similar Description - TJ4519DP

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4519 SEMTECH-SC4519 Datasheet
278Kb / 15P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H_07 Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
SC4519H SEMTECH-SC4519H Datasheet
285Kb / 14P
   600kHz, 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P1686 UTC-P1686 Datasheet
180Kb / 6P
   600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR
logo
Semtech Corporation
SC4518H SEMTECH-SC4518H Datasheet
266Kb / 15P
   600kHz, 2A Step-Down Switching Regulator
logo
Monolithic Power System...
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
   3A, 21V, 600kHz Step-Down Converter
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Semtech Corporation
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
   28V 3A Step-Down Switching Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
P2583 UTC-P2583 Datasheet
190Kb / 6P
   380KHz, 3A STEP-DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com