Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3966R-ADJ-5L Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3966R-ADJ-5L
Description  3.0A Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3966R-ADJ-5L Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3966R-ADJ-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3966R-ADJ-5L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
3.0A Ultra Low Dropout Linear Regulator
TJ3966
Aug. 2010 - Rev. 1.7.1
- 6
-
HTC
ELECTRICAL CHARACTERISTICS(Note 1)
Limits in standard typeface are for TJ=25℃, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN
(Note 2)
= VO(NOM) + 1 V, IL = 10 mA, CIN = 68 µF, COUT = 33 µF, VEN = VIN - 0.3 V
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage Tolerance
VO
10 mA < IL < 3 A
VOUT+1 V < VIN < 6 V
-2
-3
0
2
3
%
Adjustable Pin Voltage
(ADJ version)
VADJ
10 mA < IL < 3 A
VOUT+1.5 V < VIN < 6 V
1.117
1.110
1.145
1.174
1.188
V
Line Regulation
(Note 3)
ΔVLINE
VOUT+1 V < VIN < 6 V
-
0.08
0.18
0.22
%/V
Load Regulation
(Note 3, 4)
ΔVLOAD
10 mA < IL < 3 A
-
0.25
0.55
0.6
%
IL = 300 mA
-
50
65
80
Dropout Voltage
(Note 5)
VDROP
IL = 3 A
-
480
580
680
mV
IL = 300 mA
-
40
60
75
Ground Pin Current
(Note 6)
IGND1
IL = 3 A
-
40
60
75
uA
Ground Pin Current
(Note 7)
IGND2
VEN < 0.2 V
-
40
60
75
uA
Output Peak Current
IPEAK
4.5
3.5
4.5
-
A
Thermal Shutdown Temperature
TSD
-
165
-
Thermal Shutdown Hysteresis
ΔTSD
-
10
-
Logic Low
VIL
Output = Low
-
0
0.5
2
V
IN
V
Enable threshold
Logic High
VIH
Output = High
0.5
2
V
IN
+
VIN
-
V
Enable Input Current
IEN
VEN = VIN
-
0.05
2
uA
Note 1. Stresses listed as the absolute maximum ratings may cause permanent damage to the device. These are for stress ratings. Functional
operating of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may remain possibly to affect device reliability.
Note 2. The minimum operating value for input voltage is equal to either (VOUT,NOM + VDROP) or 2.5V, whichever is greater.
Note 3. Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current.
Note 4. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for load regulation in the
load range from 10mA to 3.0A
Note 5. Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the dropout voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V
Note 6. Ground current, or quiescent current, is the difference between input and output currents. It's defined by IGND1 = IIN - IOUT under the
given loading condition. The total current drawn from the supply is the sum of the load current plus the ground pin current.
Note 7. Ground current, or standby current, is the input current drawn by a regulator when the output voltage is disabled by an enable signal.


Similar Part No. - TJ3966R-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.2 HTC-TJ3964D-1.2 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.5 HTC-TJ3964D-1.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-1.8 HTC-TJ3964D-1.8 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
TJ3964D-2.5 HTC-TJ3964D-2.5 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3966R-ADJ-5L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com