Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ5205SF5-2.5V Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ5205SF5-2.5V
Description  150mA Low Noise LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ5205SF5-2.5V Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  TJ5205SF5-2.5V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-2.5V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
150mA Low Noise LDO Regulator
TJ5205
Dec. 2010 - Rev. 1.5.1
- 6
-
HTC
ELECTRICAL CHARACTERISTICS
VIN=VOUT+1V ; IL=100uA ; CL=1.0uF; VEN≥2.0V ; TJ=25°C, bold values indicate -40°C ≤ TJ ≤ +125°C; unless noted.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage Tolerance
(Note 4)
VO
Variation from specified VOUT
-1
-2
1
2
%
Adjustable Pin Voltage
(ADJ version)
VADJ
1.242
V
Output Voltage
Temp. Coefficient
Δ
VO/ΔT
(Note 5)
40
ppm/℃
Line Regulation
ΔVLINE
VIN = VOUT + 1V to 16V
0.004
0.012
0.05
%/V
Load Regulation
ΔVLOAD
IL = 0.1mA to 150mA
(Note 6)
0.02
0.2
0.5
%
IL = 100 uA
10
50
70
IL = 50 mA
110
150
230
IL = 100 mA
140
250
300
Dropout Voltage
(Note 7)
VDROP
IL = 150 mA
165
275
350
mV
Quiescent Current
IGND
VEN ≤ 0.4V (Shutdown)
VEN ≤ 0.18V (Shutdown)
0.01
1
5
uA
VEN ≥ 2.0V, IL = 100uA
120
160
180
IL = 50mA
350
600
800
IL = 100mA
600
1000
1500
Ground Pin Current
(Note 8)
IGND
IL = 150mA
1300
1900
2500
uA
Ripple Rejection
PSRR
frequency = 100Hz, IL = 100uA
75
dB
Current Limit
ILIMIT
VOUT = 0V
320
600
mA
Thermal Shutdown Temperature
TSD
165
°C
Thermal Regulation
(Note 9)
0.05
%/W
Output Noise
eno
IL=50mA, CL=2.2μF, 470pF
from BYP to GND
260
Hz
nV


Similar Part No. - TJ5205SF5-2.5V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ5 VISHAY-TJ5 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ5 VISHAY-TJ5 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
TJ5-HT VISHAY-TJ5-HT Datasheet
161Kb / 5P
   Toroid, High Current, High Temperature
Revision: 05-Dec-07
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
More results

Similar Description - TJ5205SF5-2.5V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com