Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ49150GD Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TJ49150GD
Description  1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ49150GD Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ49150GD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ49150GD Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TJ49150
July 2011
HTC
7
TYPICAL OPERATING CHARACTERISTICS
Reference Voltage vs. VIN
Output Voltage vs. VIN
Dropout Voltage (VIN-VOUT) vs. Output Current
T.B.D.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
1
2
3
4
5
INPUT VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
INPUT VOLTAGE [V]
IOUT=0.1A
IOUT=1.5A
0
50
100
150
200
250
300
350
400
0
0.5
1
1.5
OUTPUT CURRENT [A]
VBIAS = 3.3V
VBIAS = 5.0V


Similar Part No. - TJ49150GD

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ490GRS-1.0-3L HTC-TJ490GRS-1.0-3L Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49300GDP HTC-TJ49300GDP Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49300GR HTC-TJ49300GR Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49300GRS HTC-TJ49300GRS Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ49150GD

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com