Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ49300 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ49300
Description  3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ49300 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ49300 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ49300 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TJ49300
February 2011
HTC
6
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ=25℃, and limits in
boldface type apply over the full operating temperature range.
Unless otherwise specified: VBIAS = VO(NOM.) + 2.1V, VIN = VO(NOM.) + 1V, VEN=VBIAS, IL = 10 mA.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage Tolerance(Note 1)
VO
10 mA < IL < 3.0 A
VOUT+1 V < VIN < 5.5 V
-2
-3
2
3
%
Adjustable Pin Voltage(Note 2)
VADJ
VOUT+1 V < VIN < 5.5 V
0.78
0.772
0.8
0.82
0.828
V
Line Regulation(Note 3)
ΔVLINE
VOUT+1 V < VIN < 5.5 V
0.02
0.1
%/V
Load Regulation(Note 3, 4)
ΔVLOAD
10 mA < IL < 3.0 A
0.25
1.0
%
Dropout Voltage
VDROP
IL = 1.5 A
150
200
300
mV
IL = 3.0 A
300
400
500
Dropout Voltage(Note 5)
VDROP
IL = 3.0 A
1.5
2.1
V
Bias Pin Current
IBIAS
IL = 3.0 A
0.55
1.0
1.5
mA
Ground Pin Current(Note 6)
IGND1
IL = 10 mA
0.55
1.0
1.5
mA
IL = 3.0 A
0.55
1.0
1.5
Ground Pin Current(Note 6, 1)
IGND2
VEN < 0.2 V
0.1
0.5
1.0
uA
Thermal Shutdown Temperature
TSD
160
°C
Thermal Shutdown Hysteresis
ΔTSD
30
°C
Enable threshold(Note 1)
Logic Low
VIL
Output = Low
0.4
V
Logic High
VIH
Output = High
0.7 * VBIAS
V
Enable Pin Input Current(Note 1)
IEN
VEN = VBIAS
0.1
1.0
uA
Adjust Pin Current(Note 2)
IADJ
VADJ = 0.8 V
0.01
0.1
uA
Note 1. Fixed output voltage version only.
Note 2. Adjustable output voltage version only.
Note 3. Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line
voltage. Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load
current.
Note 4. Regulation is measured at constant junction temperature by using a 10ms current pulse. Devices are tested for load regulation in
the load range from 10mA to 3.0A.
Note 5. For VOUT ≤ 1.0V, the VBIAS Dropout specification does not apply due that the minimum VBIAS input is 3.0V.
Note 6. IGND = IBIAS + (IIN – IOUT). The total current drawn from the supply is the sum of the load current plus the ground current.


Similar Part No. - TJ49300

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ490GRS-1.0-3L HTC-TJ490GRS-1.0-3L Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ49150 HTC-TJ49150 Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49150GD HTC-TJ49150GD Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49150GDP HTC-TJ49150GDP Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49150GRS HTC-TJ49150GRS Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ49300

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ49150 HTC-TJ49150 Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com