Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965T-1.2V-3L Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965T-1.2V-3L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965T-1.2V-3L Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3965T-1.2V-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3965T-1.2V-3L Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 7 -
HTC
ELECTRICAL CHARACTERISTICS(Note 1)
Limits in standard typeface are for TJ=25℃, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN
(Note 2)
= VO(NOM) + 1 V, IL = 10 mA, CIN = 68 uF, COUT = 33 uF, VEN = VIN - 0.3 V
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage Tolerance
VO
10 mA < IL < 1.5 A
VOUT+1 V < VIN < 6 V
-2
-3
0
2
3
%
Adjustable Pin Voltage
(ADJ version)
VADJ
10 mA < IL < 1.5 A
VOUT+1.5 V < VIN < 6 V
1.117
1.110
1.145
1.174
1.188
V
Line Regulation
(Note 3)
ΔVLINE
VOUT+1 V < VIN < 6 V
-
0.08
0.18
0.20
%/V
Load Regulation
(Note 3, 4)
ΔVLOAD
10 mA < IL < 1.5 A
-
0.25
0.55
1.00
%
IL = 150 mA
-
40
55
65
Dropout Voltage
(Note 5)
VDROP
IL = 1.5 A
-
380
450
550
mV
IL = 150 mA
-
30
55
75
Ground Pin Current
(Note 6)
IGND1
IL = 1.5 A
-
30
55
75
uA
Ground Pin Current
(Note 7)
IGND2
VEN < 0.2 V
-
30
55
75
uA
Output Peak Current
IPEAK
2.0
1.7
2.2
-
A
Thermal Shutdown Temperature
TSD
-
165
-
Thermal Shutdown Hysteresis
ΔTSD
-
10
-
Logic Low
VIL
Output = Low
-
0
0.5
2
V
IN
V
Enable threshold
Logic High
VIH
Output = High
0.5
2
V
IN
+
VIN
-
V
Enable Input Current
IEN
VEN = VIN
-
0.05
2
uA
Note 1. Stresses listed as the absolute maximum ratings may cause permanent damage to the device. These are for stress ratings. Functional
operating of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may remain possibly to affect device reliability.
Note 2. The minimum operating value for input voltage is equal to either (VOUT,NOM + VDROP) or 2.5V, whichever is greater.
Note 3. Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current.
Note 4. Regulation is measured at constant junction temperature by using a 20ms current pulse. Devices are tested for load regulation in the
load range from 10mA to 1.5A
Note 5. Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the dropout voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V
Note 6. Ground current, or quiescent current, is the difference between input and output currents. It's defined by IGND1 = IIN - IOUT under the
given loading condition. The total current drawn from the supply is the sum of the load current plus the ground pin current.
Note 7. Ground current, or standby current, is the input current drawn by a regulator when the output voltage is disabled by an enable signal.


Similar Part No. - TJ3965T-1.2V-3L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965T-1.2 ETC1-TJ3965T-1.2 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965T-1.2V-3L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com