Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TL432
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TL432 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432/A/C
Sep. 2010 – Rev.1.5
- 1 -
HTC
TO-92 PKG
3
2
1
SOT-23 PKG
2
1
3
PIN 1. Reference
2. Anode
3. Cathode
ORDERING INFORMATION
Device
Package
TL432TA
TO-92(Taping)
TL432SF
SOT-23 3L
FEATURES
Low Voltage Operation : 1.24 V
Programmable Out Voltage to 18V
Sink Current Capability of 1mA to 100mA
Equivalent full range Temperature Coefficient of
50ppm/℃
Temperature Compensated for operation
over full rated operating Temperature Range
Low Output Noise Voltage
Moisture Sensitivity Level 3
APPLICATION
Shunt Regulator
Voltage Monitoring
Current Source and Sink Circuits
Analog & Digital Circuits Requiring Precision References
Low Out Voltage (3.0V to 3.3V) Switching Power Supply
Error Amplifier
DESCRIPSION
The TL432 is a three-terminal Shunt Voltage Reference
providing a highly accuracy 1.24V band-gap reference
with 0.5% and 1.0% tolerance. The TL432 thermal
stability and wide operating current(100mA) makes is
suitable for all variety of applications that are looking for a
low cost solution with high performance. The TL432 is an
ideal voltage reference in an isolated feed circuit for 3.0V
to 3.3V switching mode power supplies.
* Refer to the page 2 for detailed ordering Information,
Absolute Maximum Ratings
(Full operating ambient temperature range applies unless otherwise noted.)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Cathode Voltage
VKA
-
20
V
Cathode Current Range(Continuous)
IK
-
100
mA
Reference Input Current Range
IREF
-
3
mA
Junction Temperature Range
TJ
-40
150
Operating Temperature Range
TOPR
-40
125
Storage Temperature Range
TSTG
-65
150
Total Power Dissipation
PD
770
mW
T
O
P
TOP


Similar Part No. - TL432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL432 TI-TL432 Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
TL432 DIODES-TL432 Datasheet
363Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATOR
DS35050 Rev. 2 - 2
logo
Foshan Blue Rocket Elec...
TL432 FOSHAN-TL432 Datasheet
821Kb / 7P
   Voltage Regulator in a TO-92 Plastic Package
logo
Texas Instruments
TL432 TI-TL432 Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results

Similar Description - TL432

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com