Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ5205SF5-3.6V Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TJ5205SF5-3.6V
Description  150mA Low Noise LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ5205SF5-3.6V Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  TJ5205SF5-3.6V Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ5205SF5-3.6V Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
150mA Low Noise LDO Regulator
TJ5205
Dec. 2010 - Rev. 1.5.1
- 7
-
HTC
Enable Input
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Enable Input Logic-Low Voltage
VIL
Regulator Shutdown
0.4
0.18
V
Enable Input Logic-High Voltage
VIH
Regulator enabled
2.0
V
IIL
VIL ≤ 0.4V
VIL ≤ 0.18V
0.01
-1
-2
uA
Enable Input Current
IIH
VIH ≥ 2.0V
VIH ≥ 2.0V
2
5
35
40
uA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
The maximum allowable power dissipation at any TA (ambient temperature) is PD(max)=(TJ(max)–TA)+ θJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the
TJ5205-XX (all versions) is 220°C/W mounted on a PC board
Note 4.
The TJ5205-ADJ has VREF=1.242V±1%, but minimum output voltage for TJ5205-ADJ must be above VOUTmin=2.0V.
Note 5.
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 6.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in
the load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation
specification.
Note 7.
Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured
at 1V differential.
Note 8.
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is
the sum of the load current plus the ground pin current.
Note 9.
Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding
load or line regulation effects. Specifications are for a 150mA load pulse at VIN = 16V for t = 10ms.


Similar Part No. - TJ5205SF5-3.6V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ5 VISHAY-TJ5 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ5 VISHAY-TJ5 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
TJ5-HT VISHAY-TJ5-HT Datasheet
161Kb / 5P
   Toroid, High Current, High Temperature
Revision: 05-Dec-07
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
TJ5-HT VISHAY-TJ5-HT Datasheet
147Kb / 5P
   Toroid, High Current, High Temperature, Radial Leaded
Revision: 09-Mar-12
More results

Similar Description - TJ5205SF5-3.6V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com