Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ3965D-1.8V-8L Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

Part # TJ3965D-1.8V-8L
Description  1.5A Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ3965D-1.8V-8L Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ3965D-1.8V-8L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. TJ3965D-1.8V-8L Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1.5A Ultra Low Dropout Linear Regulator
TJ3965
Jul. 2010 – Rev. 1.12
- 9 -
HTC
APPLICATION INFORMATION
Output Adjustment (Adjustable Version)
An adjustable output device has output voltage range of 1.145V to 5.0V. To obtain a desired output
voltage, the following equation can be used with R1 resistor. The sum of R1 and R2 should be in range
of 1kΩ to 100kΩ
=
1
145
.
1
1
2
OUT
V
R
R
To enhance output stability, a capacitor of 68pF to 100pF can be placed in series with VOUT and ADJ.
EN Pin
A CMOS logic level signal at the EN pin will turn-on/off the regulator. If this pin is not used for logic
control, it must be tied to Vin for proper operation. When a pull-up resistor is connected between EN pin
and VEN signal(or VIN line), the resistance should be kept under 10kΩ.
SENSE Pin
In applications where the regulator output is not very close to the load, the TJ3965 can provide better
remote load regulation characteristics using the SENSE pin. TJ3965 regulates the voltage at the output
pin. Hence, the voltage at the remote load will be lower than the voltage at the output pin as a value of
the voltage drop across the trace series resistance. If the sense option pin is not required, the sense pin
must be connected to the VOUT pin. Connecting the sense pin to the remote load will provide regulation
at the remote load because the TJ3965 regulates the voltage at the sense pin when the sense option pin
is used.
Output Capacitor
The TJ3965 requires a proper output capacitance to maintain stability and improve transient response
over current. The ESR of the output capacitor within the limits of 0.5Ω to 10Ω is required. A minimum
capacitance value of 22µF of tantalum or aluminum electrolytic capacitor is recommended. In a case of
ceramic capacitor, a minimum capacitance value of 10µF is required and additional resistance of
minimum 1Ω should be added with the output capacitor in series to maintain its minimum ESR. The
resistance and capacitance have to be varied upon the load current.


Similar Part No. - TJ3965D-1.8V-8L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TJ3965D-1.8 ETC1-TJ3965D-1.8 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ3965D-1.8V-8L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com