Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM29152RS Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # LM29152RS
Description  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29152RS Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button LM29152RS Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM29152RS Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
Nov. 2010 - Rev. 1.5.1
- 7
-
HTC
LM39102 Only
Reference Voltage
1.228
1.215
1.24
1.252
1.265
V
V
(Note 9)
1.203
1.277
V
Adjust Pin Bias
Current
40
80
120
nA
nA
Reference Voltage
Temp. Coefficient
(Note 4)
20
ppm/ °C
Adjust Pin Bias Current
Temp. Coefficient
0.1
99.2
nA/ °C
Note 1. Exceeding the absolute maximum ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. PD (max)= (TJ (max) - TA) ÷ θJA, where θJA -junction-to-ambient thermal resistance.
Note 4. Output voltage temperature coefficient is ΔVOUT (worst case) ÷ (TJ(max) - TJ(min)) where TJ(max) is +125°C and TJ(min) is 0°C.
Note 5. VDO = VIN - VOUT when VOUT decreases to 99% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 2.25V,
dropout voltage is the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage
is 2.25V.
Note 6. IGND is the quiescent current. IIN = IGND + IOUT.
Note 7. Delay time is measured after VEN=VIN. CIN=COUT=10μF.
Note 8. For adjustable device and fixed device with VOUT ≥ 2.5V
Note 9. VREF ≤ VOUT ≤ (VIN - 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1 A.


Similar Part No. - LM29152RS

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM29152RS HTC-LM29152RS Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29152RS-1.5 HTC-LM29152RS-1.5 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29152RS-12 HTC-LM29152RS-12 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29152RS-2.5 HTC-LM29152RS-2.5 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29152RS-3.0 HTC-LM29152RS-3.0 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

Similar Description - LM29152RS

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com