Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440QS16GE Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 440QS16GE
Description  2.8 GHz INTEGER-N SYNTHESIZER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

440QS16GE Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button 440QS16GE Datasheet HTML 2Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 3Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 4Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 5Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 6Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 7Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 8Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 9Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
8 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Applications Information
Simplified Block Diagram of 5-Bit Counter
Asynchronous Programming
The 5-Bit programmable counter counts-down from the programmed value of the data bits to zero and issues an
output pulse at the end of each cycle. Settling time of the programmable 5-Bit counter is defined as the maximum
time required for the counter to change the division ratio N to a new value after the data bits have settled. The worst
case settling time occurs if the data bits A0 thru A4 are changing during the load cycle. Under this condition, the
data bits may potentially be erroneous when they are clocked in and in the worst case could be all 1’s, requiring 32
clock cycles until the correct data is re-loaded into the flip flops. The worst case asynchronous settling time can be
calculated as follows:
T
SETTLING MAX
= 32/f
IN
(For Asynchronous Programming)
As an example, if the input frequency is 1 GHz, the maximum settling time is 32 nS
HMC440QS16G / 440QS16GE
v03.0808
2.8 GHz INTEGER-N SYNTHESIZER
(N = 2 - 32)


Similar Part No. - 440QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
440QS16GE HITTITE-440QS16GE Datasheet
558Kb / 10P
   HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz
logo
Analog Devices
440QS16GE AD-440QS16GE Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
More results

Similar Description - 440QS16GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
HMC699LP5 AD-HMC699LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5 Datasheet
699Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC699LP5 HITTITE-HMC699LP5 Datasheet
697Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Analog Devices
HMC4069LP4E AD-HMC4069LP4E Datasheet
1Mb / 12P
   2.9 GHz INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5_10 Datasheet
1,002Kb / 12P
   7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
[Old version datasheet]   LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com