Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9147-16 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS9147-16
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9147-16 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS9147-16 Datasheet HTML 1Page - Integrated Device Technology ICS9147-16 Datasheet HTML 2Page - Integrated Device Technology ICS9147-16 Datasheet HTML 3Page - Integrated Device Technology ICS9147-16 Datasheet HTML 4Page - Integrated Device Technology ICS9147-16 Datasheet HTML 5Page - Integrated Device Technology ICS9147-16 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ICS9147-16
Electrical Characteristics at 3.3V
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
VDDL=VDD3=3.0 – 3.7 V, TA = 0 – 70
° C unless otherwise stated
AC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Rise Time1
Tr1a
20pF load, 0.8 to 2.0V CPU
-
0.9
1.2
ns
Fall Time1
Tf1a
20pF load, 2.0 to 0.8V CPU
-
0.8
1.2
ns
Rise Time1
Tr1b
CL=20pF, VDD=2.5V
0.8 to 2.0V CPU
-1.0
1.2
ns
Fall Time1
Tf1b
CL=20pF, VDD=2.5V
2.0 to 0.8V CPU
-1.0
1.2
ns
Rise Time1
Tr2
30pF load, 0.8 to 2.0V
BUS & REF1
-0.9
1.6
ns
Fall Time1
Tf2
30pF load, 2.0 to 0.8V
BUS & REF1
-0.8
1.5
ns
Rise Time1
Tr3
20pF load, 0.8 to 2.0V
48 clock & REF (2:3)
-1.4
2.4
ns
Fall Time1
Tf3
20pF load, 2.0 to 0.8V
48 clock & REF (2:3)
-1.8
2.4
ns
Rise Time1
Tr4
20pF load, 0.8 to 2.0V , IOAPIC with
VDDL = 2.5V
--
1.6
ns
Fall Time1
Tf4
20pF load, 2.0 to 0.8V, IOAPIC with
VDDL = 2.5V
--
1.6
ns
Duty Cycle1
Dt1
20pF load @ VOUT=1.4V
45
50
55
%
Duty Cycle1
Dt2
REF (1:3) Load = 20pF REF 2, 3
Load = 47pF REF1
40
45
50
%
Jitter, One Sigma1
Tjis1
CPU & Fixed BUS Load=20pF,
BUS; Load = 30pF
-
50
150
ps
Jitter, Absolute1
Tjab1
CPU & Fixed BUS Load=20pF,
BUS; Load = 30pF
-250
-
250
ps
Jitter, One Sigma1
Tjis2
REF1; Load = 47pF
-
55
250
ps
Jitter, Absolute1
Tjab2
REF1; Load = 47pF
-500
200
500
ps
Input Frequency1
Fi
12.0
14.318
16.0
MHz
Logic Input Capacitance1
CIN
Logic input pins
-
5
-
pF
Oscillator Input Capacitance1
CINX
X1, X2 pins
-
18
-
pF
Power-on Time1
ton
From VDD=3.0V to 1st crossing of
66.6 MHz VDD supply ramp < 1 ms
-1.5
3.0
ms
Clock Skew1
Tsk1
CPU to CPU; Load=20pF; @1.4V
(Same VDD)
-
150
250
ps
Clock Skew1
Tsk2
BUS to BUS; Load=20pF; @1.4V
-
300
500
ps
Clock Skew1
Tsk3
CPU to BUS; Load=20pF; @1.4V
(CPU is early) (All at 3.3V)
13.3
4
ns
Clock Skew1
Tsk4
CPU @ 2.5V to BUS @ 3.3V
1
4
ns
Tsk5
REF @ 3.3V to IOAPIC @ 2.5V
1.5
ns


Similar Part No. - ICS9147-16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
More results

Similar Description - ICS9147-16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
   Frequency Generator & Integrated Buffers
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
   Frequency Generator & Integrated Buffers
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com