Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148-20 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9148-20
Description  Pentium/ProTM System Clock Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9148-20 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9148-20 Datasheet HTML 1Page - Integrated Device Technology ICS9148-20 Datasheet HTML 2Page - Integrated Device Technology ICS9148-20 Datasheet HTML 3Page - Integrated Device Technology ICS9148-20 Datasheet HTML 4Page - Integrated Device Technology ICS9148-20 Datasheet HTML 5Page - Integrated Device Technology ICS9148-20 Datasheet HTML 6Page - Integrated Device Technology ICS9148-20 Datasheet HTML 7Page - Integrated Device Technology ICS9148-20 Datasheet HTML 8Page - Integrated Device Technology ICS9148-20 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS9148-20
Pin Descriptions
Select Functions
Notes:
1. TCLK is a test clock driven on the X1 (crystal in
pin) input during test mode.
2. -0.5% modulation down spread from the selected
frequency.
Functionality
CPU
PCI,
PCI_F
REF
IOAPIC
48 MHz
Selection
Tristate
HI - Z
HI - Z
HI - Z
HI - Z
HI - Z
Testmode
TCLK/2
1
TCLK/61
TCLK1
TCLK1
TCLK/21
Spread Spectrum
Modulated2
Modulated2
14.318MHz
14.318MHz
48.0MHz
SEL 100/66#
FS1
FS0
Function
0
0
0
Tri-State
00
1
(Reserved)
01
0
(Reserved)
0
1
1
Active 66.6MHz CPU, 33.3 PCI
10
0
Test Mode
10
1
(Reserved)
11
0
(Reserved)
1
1
1
Active 100MHz CPU, 33.3 PCI
P IN NUM B E R
P IN N A M E
TYP E
DE S CRIP T IO N
1, 2, 47
R E F (0 :2 )
O U T
14.318M H z clock output
3
GND1
P W R
G rou n d fo r R E F o u tp uts
4X 1
IN
X TA L _IN 14.318M H z C rystal in pu t, has internal 33pF
lo ad ca p an d fe ed b ack resisto r from X 2
5
X 2
O U T
X TA L _O U T C rystal output, has in tern al lo ad cap 33pF
6, 1 2 , 1 8
GND2
P W R
G rou n d fo r P C I o u tp uts
7
P C IC L K _F
O U T
Free R unning PC I output
8, 10, 11, 13, 14, 16 ,
17
P C IC LK (0:6)
O U T
P C I clo ck o u tp uts. TTL com p atible 3.3 V
9, 15
V D D 2
P W R
Pow er for P C IC L K outputs, no m inally 3.3V
19, 33
V D D
P W R
Iso late d pow er fo r co re, nom in ally 3.3V
20, 32
G N D
P W R
Iso late d ground fo r co re
21
VDD3
P W R
P ow er for 4 8 M Hz o utpu ts, n o m in ally 3 .3V
22, 23
48M H z (0 :1 )
O U T
48 M H z outputs
2 4
GND3
P W R
G rou n d fo r 4 8M H z o u tp uts
25
SE L 1 00 /66.6#
IN
Select pin for en ab ling 100M H z or 66.6M H z
H = 100M H z, L = 66 .6M H z (P C I alw ays synchron ou s
33 .3M H z)
26, 27
FS (0 :1 )
IN
F requ en cy S elect pins
28
S P R E A D #
IN
E n ab les S p re ad S p ectrum feature w h en L O W
2 9
P D #
IN
P ow ers d ow n ch ip , active low
3 0
C P U_ S T OP #
IN
H alts C P U c lo cks at log ic "0 " level wh en low
31
P C I_S TO P #
IN
H alts P C I B us at log ic " 0" level w hen low
3 7, 4 1
VDDL 2
P W R
P ower for CP U o utpu ts, no m in ally 2 .5V
34 , 38
G N D L 2
P W R
G round fo r C P U outputs.
35, 36, 39, 40
C P U C L K (3 :0 )
O U T
C P U and H o st clock outputs @ 2.5V
42
N /C
-
N ot interna lly co nn ected
43
GNDL 1
P W R
Grou n d fo r IO AP IC o u tp uts
44 , 4 5
IO A P IC (0 :1 )
O U T
IO A P IC o utpu ts (1 4.3 18 M H z) @ 2.5 V
4 6
VDDL 1
P W R
P ower for IO AP IC o utpu ts, n o m in ally 2 .5V
4 8
VDD1
P W R
S u p ply fo r R E F (0 :1 ), X1 , X2 , n o m in al 3 .3V


Similar Part No. - ICS9148-20

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
More results

Similar Description - ICS9148-20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
   Pentium/ProTM System Clock Chip
9/27/99
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
   Pentium/ProTM System Clock Chip
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
   Pentium/ProTM System Clock Chip
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
   Pentium/ProTM System Clock Chip
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
   Pentium/ProTM System Clock Chip
2019
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
   Pentium/ProTM System Clock Chip
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
   Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com