Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8743008I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS8743008I
Description  FEMTOCLOCKS??LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR FOR PCI EXPRESS??AND ETHERNET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8743008I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS8743008I Datasheet HTML 4Page - Integrated Device Technology ICS8743008I Datasheet HTML 5Page - Integrated Device Technology ICS8743008I Datasheet HTML 6Page - Integrated Device Technology ICS8743008I Datasheet HTML 7Page - Integrated Device Technology ICS8743008I Datasheet HTML 8Page - Integrated Device Technology ICS8743008I Datasheet HTML 9Page - Integrated Device Technology ICS8743008I Datasheet HTML 10Page - Integrated Device Technology ICS8743008I Datasheet HTML 11Page - Integrated Device Technology ICS8743008I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ICS8743008I
FEMTOCLOCKS™ LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR
PRELIMINARY
IDT™ / ICS™ LVDS/LVPECL ZERO DELAY BUFFER/CLOCK GENERATOR 8
ICS8743008DKI REV. A AUGUST 25, 2008
Table 4C. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4D. Differential DC Characteristics, V
DD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4E. LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4F. M-LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
3.3V
2
VDD + 0.3
V
VIL
Input Low Voltage
3.3V
-0.3
0.8
V
IIH
Input High Current
PDIV[0:1], QDIV[0:7],
FBO_DIV, MR, Q_TYPE
VDD = VIN = 3.465V
150
µA
OE_MLVDS, OE[0:2],
FBI_DIV[0:1], PLL_SEL
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
PDIV[0:1], QDIV[0:7],
FBO_DIV, MR, Q_TYPE
VDD = 3.465V, VIN = 0V
-5
µA
OE_MLVDS, OE[0:2],
FBI_DIV[0:1], PLL_SEL
VDD = 3.465V, VIN = 0V
-150
µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK/nCLK,
FBIN/nFBIN
VDD = VIN = 3.465V
150
µA
IIL
Input Low Current
CLK, FBIN
VDD = 3.465V, VIN = 0V
-5
µA
nCLK, nFBIN
VDD = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
GND + 0.5
VDD – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
400
mV
∆V
OD
VOD Magnitude Change
30
mV
VOS
Offset Voltage
1.31
V
∆V
OS
VOS Magnitude Change
95
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
440
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.6
V
∆V
OS
VOS Magnitude Change
50
mV
ISC
Output Short Circuit Current
48
mA


Similar Part No. - ICS8743008I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
   PCI Express™ Jitter Attenuator
JANUARY 14, 2011
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874002AG ICST-ICS874002AG Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
More results

Similar Description - ICS8743008I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8714008I RENESAS-ICS8714008I Datasheet
770Kb / 35P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Integrated Circuit Syst...
ICS843071I ICST-ICS843071I Datasheet
303Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com