Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

512LP5E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 512LP5E
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

512LP5E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  512LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 5
HMC512LP5 / 512LP5E
v05.0811
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 9.6 - 10.8 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
7
Vcc (Amp)
Supply voltage for RFOUT/2 output. If RFOUT/2
is not required, this pin may be left open to
conserve approximately 30 mA of current.
12
RFOUT/2
Half frequency output (AC coupled).
19
RF OUT
RF output (AC coupled).
21
Vcc (RF)
Supply Voltage, +5V
29
VTUNE
Control voltage and modulation input. Modulation
bandwidth dependent on drive source impedance. See
“Determining the FM Bandwidth of a Wideband Varac-
tor Tuned VCO” application note.
5, 11, Paddle
GND
Package bottom has an exposed metal paddle that
must be connected to RF/DC ground.
Typical Application Circuit


Similar Part No. - 512LP5E

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
512 PEREGRINE-512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Marl International Limi...
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
512 ETC2-512 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Winchester Electronics ...
512-060-0040J WINCHESTER-512-060-0040J Datasheet
84Kb / 1P
   RIGHT ANGLE SMB PLUG PC MOUNT
logo
Oscilent Corporation
512-4.0M-315A OSCILENT-512-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 512LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5_11 Datasheet
344Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
logo
Analog Devices
HMC530LP5 AD-HMC530LP5 Datasheet
362Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
logo
Hittite Microwave Corpo...
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com