Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

544E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 544E
Description  GaAs MMIC T/R SWITCH, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

544E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  544E Datasheet HTML 1Page - Hittite Microwave Corporation 544E Datasheet HTML 2Page - Hittite Microwave Corporation 544E Datasheet HTML 3Page - Hittite Microwave Corporation 544E Datasheet HTML 4Page - Hittite Microwave Corporation 544E Datasheet HTML 5Page - Hittite Microwave Corporation 544E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 300
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC544 / 544E
GaAs MMIC T/R SWITCH,
DC - 4 GHz
v00.0206
General Description
Features
Functional Diagram
Very Low Insertion Loss: 0.2 dB @ 1.0 GHz
High Input P1dB: +39 dBm
High Input IP3: +55 dBm
Positive Control: 0/+3V to 0/+5V
Compact SOT26 SMT Package
Electrical Specifications, T
A = +25° C, Vctl = 0/+3 Vdc, 50 Ohm System
Typical Applications
The HMC544 / HMC544E is ideal for:
• Cellular/PCS/3G Infrastructure
• Basestations & Repeaters
• WLAN, WiMAX and WiBro
• Microwave and Fixed Wireless Radios
The HMC544 & HMC544E are low cost SPDT swit-
ches in 6-lead SOT26 packages for use in transmit-
receive applications which require very low insertion
loss at medium power levels. These devices can
control signals from DC to 4.0 GHz and are especially
suited for 450, 900, 1900, 2300, and 2700 MHz
applications with <0.5 dB insertion loss. This GaAs
PHEMT
design
provides
exceptional
linearity
performance of +36 dBm 1dB compression point and
+55 dBm third order intercept at +3 volt bias. RF1
and RF2 are reflective opens when “Off”.
On-chip
circuitry allows positive control operation at very low
DC current.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
DC - 4.0 GHz
0.25
0.4
0.5
0.7
0.5
0.7
0.8
1.0
dB
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
DC - 4.0 GHz
18
10
9
8
23
14
13
12
dB
dB
dB
dB
Return Loss
DC - 4.0 GHz
32
dB
Input Power for 1 dB Compression
0/+5V Control
0/+3V Control
0.3 - 4.0 GHz
36
33
39
36
dBm
dBm
Input Third Order Intercept
(Two-Tone Input Power = +27 dBm Each Tone)
0.3 - 4.0 GHz
55
dBm
Switching Characteristics
DC - 4.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
70
140
ns
ns


Similar Part No. - 544E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
5440 SEMTECH-5440 Datasheet
95Kb / 2P
   HIGH VOLTAGE CAPACITORS MONOLITHIC CERAMIC TYPE
logo
Kemet Corporation
5440 KEMET-5440 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Alpha Wire
5440/12 ALPHAWIRE-5440/12 Datasheet
100Kb / 5P
   Customer Specification
8/29/2022
5440/12 ALPHAWIRE-5440/12 Datasheet
99Kb / 5P
   Customer Specification
12/1/2022
5440/15 ALPHAWIRE-5440/15 Datasheet
99Kb / 5P
   Customer Specification
12/5/2022
More results

Similar Description - 544E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC544A AD-HMC544A Datasheet
315Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC784MS8GE HITTITE-HMC784MS8GE Datasheet
257Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
logo
Analog Devices
HMC784A AD-HMC784A Datasheet
527Kb / 9P
   GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com