Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

546MS8GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 546MS8GE
Description  GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

546MS8GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  546MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 7Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 8Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 170
Input IP3 vs. Voltage with 457 MHz Tuning
Return Loss with 457 MHz Tuning
Insertion Loss vs.
Temperature, Tx with 457 MHz Tuning
Isolation with 457 MHz Tuning
-3
-2.5
-2
-1.5
-1
-0.5
0
0.35
0.4
0.45
0.5
0.55
Tx, +25C
Tx, +85C
Tx, -40C
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.35
0.4
0.45
0.5
0.55
Rx, +25C
Rx, +85C
Rx, -40C
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.35
0.4
0.45
0.5
0.55
RFC to Tx
RFC to Rx
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0.35
0.4
0.45
0.5
0.55
Tx, Input
Tx, Output
Rx, Input
Rx, Output
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
65
70
34
56
78
RFC to Tx
RFC to Rx
VOLTAGE (V)
Insertion Loss vs.
Temperature, Rx with 457 MHz Tuning
HMC546MS8G / HMC546MS8GE
v06.0809
GaAs MMIC 20W FAILSAFE SWITCH
0.2 - 2.2 GHz


Similar Part No. - 546MS8GE

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
546-7000 SYSTEMSENSOR-546-7000 Datasheet
480Kb / 2P
   Waterflow Detector
546-8000 SYSTEMSENSOR-546-8000 Datasheet
130Kb / 2P
   Cover Tamper Switch
logo
Precid-Dip Durtal SA
546-91-108-12-101-035 PREDIP-546-91-108-12-101-035 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
546-91-108-12-101-036 PREDIP-546-91-108-12-101-036 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
546-93-108-12-101-028 PREDIP-546-93-108-12-101-028 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
More results

Similar Description - 546MS8GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
   GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC646LP2 HITTITE-HMC646LP2 Datasheet
323Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com