Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 600LP4E
Description  75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

600LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  600LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 600LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 600LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 600LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 600LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 600LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 600LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 600LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 3
Electrical Specifications, (continued)
HMC600LP4 / 600LP4E
Parameter
Condition
Vcc1, Vcc2
+3.3V
Input Zo
50Ω
T
A
+25C
Fin
900 MHz
INN Port connected to ground through a 1000pF capacitor
Test Conditions
v02.0909
75 dB LOGARITHMIC
DETECTOR / CONTROLLER 50 - 4000 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 50 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
Ideal
LOGOUT +25 C
LOGOUT +85 C
LOGOUT -40 C
ERR +25 C
ERR +85 C
ERR -40 C
-75
-65
-55
-45
-35
-25
-15
-5
5
INPUT POWER (dBm)
Parameter
Conditions
Min.
Typ.
Max.
Units
Current Drive (Sink)
For 1% change in the output voltage
2.25
mA
Output Voltage Range
0Vcc -0.13
V
Small Signal Response Time (10% to 90%)
Pin = -60 to -57 dBm
50
ns
Large Signal Response Time
(±0.5 dB Settling)
Pin = No Signal to 0 dBm
150
ns
Output Rise Time
From 0% to 90%
90
ns
Ripple
Fin = 100 MHz
<2
mVpp
VSET Interface
Input Impedance
30
Input Voltage Range
0.6 to 1.9
V
Low Frequency Gain
VSET to LOGOUT
78
dB
Open Loop Corner Frequency
1.6
kHz
Power Down (PWD) Interface
Voltage Range for Normal Mode
0
0.2 x Vcc
V
Voltage Range for Shutdown Mode
0.8 x Vcc
Vcc
V
Threshold Voltage
Vcc/2
V
Power-up Response Time
50% PWD to ±0.5 dB Settling of LOGOUT
1
μs
Power-Down Response Time
50% PWD to 10% Icc
2.5
μs
Power Supply (Vcc1, Vcc2)
Operating Voltage Range
2.7
5.5
V
Supply Current in Normal Mode
Vcc = +3.3V, PWD = 0V
29
36
mA
Supply Current in Power Down Mode
Vcc = +3.3V, PWD = Vcc
1
mA
LOGOUT Voltage & Error
vs. Input Power, Fin = 100 MHz
0
0.4
0.8
1.2
1.6
2
-5
-3
-1
1
3
5
Ideal
LOGOUT +25 C
LOGOUT +85 C
LOGOUT -40 C
ERR +25 C
ERR +85 C
ERR -40 C
-75
-65
-55
-45
-35
-25
-15
-5
5
INPUT POWER (dBm)
Unless otherwise noted: Vcc1, Vcc2 = +3.3V, TA = +25C


Similar Part No. - 600LP4E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600L100JT200T ETC2-600L100JT200T Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600L100JTN200T ETC2-600L100JTN200T Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600L100JW200T ETC2-600L100JW200T Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
NXP Semiconductors
600L2R4AT200T NXP-600L2R4AT200T Datasheet
470Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 03/2021
More results

Similar Description - 600LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC600LP4 HITTITE-HMC600LP4 Datasheet
549Kb / 10P
   75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
HMC601LP4 HITTITE-HMC601LP4 Datasheet
335Kb / 8P
   75 dB, FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER 10 - 4000 MHz
HMC612LP4 HITTITE-HMC612LP4 Datasheet
484Kb / 10P
   75 dB LOGARITHMIC DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
HMC713LP3E HITTITE-HMC713LP3E_10 Datasheet
956Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3E HITTITE-HMC713LP3E Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3 HITTITE-HMC713LP3_09 Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com