Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD25B Datasheet(PDF) 2 Page - BeRex Corporation

Part # BD25B
Description  Quadruple Band 2-Way SMT Power Divider
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD25B Datasheet(HTML) 2 Page - BeRex Corporation

  BD25B Datasheet HTML 1Page - BeRex Corporation BD25B Datasheet HTML 2Page - BeRex Corporation BD25B Datasheet HTML 3Page - BeRex Corporation BD25B Datasheet HTML 4Page - BeRex Corporation BD25B Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Typical Test Data
With Back Side Ground Soldering
Without Back Side Ground Soldering
Quadruple Band 2-Way SMT Power Divider
BD25B
1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
Parameters
Unit
USPCS & PCS
TD-SCDMA
WCDMA
WiBro
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
2200
2350
2500
Insertion Loss
dB
0.37
0.38
0.38
0.38
0.42
0.53
0.48
0.60
0.75
Isolation
dB
19.6
20.8
21.9
21.9
25.7
28.9
30.6
22.2
15.5
IRL(S11)
dB
-21.3
-23.7
-25.4
-25.4
-22.0
-17.3
-18.5
-15.2
-12.6
ORL(S22,S33)
dB
-24.4
-32.2
-33.9
-33.9
-24.7
-22.4
-22.6
-22.5
-22.7
Phase Diff.
deg
0.2
0.2
0.3
0.3
0.4
0.5
0.5
0.7
0.7
Amplitude Balance
dB
0.07
0.07
0.07
0.08
0.09
0.10
0.10
0.12
0.10
Parameters
Unit
USPCS & PCS
TD-SCDMA
WCDMA
WiBro
Frequency Range
MHz
1700
1800
1900
1900
2075
2250
2200
2350
2500
Insertion Loss
dB
0.40
0.41
0.42
0.42
0.49
0.64
0.59
0.75
0.94
Isolation
dB
19.5
21.1
22.7
22.7
26.3
23.6
25.7
19.0
13.7
IRL(S11)
dB
-20.8
-21.7
-21.1
-21.1
-17.8
-14.3
-15.2
-12.4
-10.2
ORL(S22,S33)
dB
-25.9
-37.8
-31.5
-31.5
-22.8
-20.3
-20.6
-19.9
-19.4
Phase Diff.
deg
1.5
1.5
1.6
1.6
1.7
1.7
1.7
1.7
2.0
Amplitude Balance
dB
0.08
0.08
0.09
0.09
0.11
0.10
0.11
0.10
0.08
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C


Similar Part No. - BD25B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD25B BEREX-BD25B Datasheet
271Kb / 5P
   Quadruple Band 2-Way SMT Power Divider 1700~2500MHz USPCS & PCS, WCDMA & TD-SCDMA, WiBro
BD25B BEREX-BD25B Datasheet
840Kb / 5P
   Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B Datasheet
558Kb / 6P
   Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_14 Datasheet
840Kb / 5P
   Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_18 Datasheet
558Kb / 6P
   Quadruple Band 2-Way SMT Power Divider
More results

Similar Description - BD25B

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD25B BEREX-BD25B_14 Datasheet
840Kb / 5P
   Quadruple Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_18 Datasheet
558Kb / 6P
   Quadruple Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_14 Datasheet
830Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_18 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com