Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1926 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BD1926
Description  Dual Band 2?륹ay SMT Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD1926 Datasheet(HTML) 1 Page - BeRex Corporation

  BD1926 Datasheet HTML 1Page - BeRex Corporation BD1926 Datasheet HTML 2Page - BeRex Corporation BD1926 Datasheet HTML 3Page - BeRex Corporation BD1926 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 1 
 
 Typical Isola on = 24.5 dB  
 Typical Inser on Loss = 0.6 dB  
 MSL 1 moisture ra ng 
 Small Size and Low Profile 
 Lead‐free/RoHS‐compliant SOT‐26 Plas c Package 
BeRex’s Divider BD1926 is designed for PCS, 
WCDMA & TD‐SCDMA band  with low Inser‐
on Loss and Isola on. This chip is fully pas‐
sivated for enhanced performance and relia‐
bility and packaged in RoHS‐compliant  with 
SOT‐26 surface mount package. 
Product Descrip on
Device Features
 Base sta on Infrastructure 
 Commercial/Industrial/Military wireless system 
Applica ons
Evalua on Board Drawing
Typical Performance
1
Absolute Maximum Ra ngs
BeRex
                                     ●website: www.berex.com                       ●email: sales@berex.com 
                                             
 
Specifica ons and informa on are subject to change and products may be discon nued without no ce.  BeRex is a trademark of BeRex.   
 
All other trademarks are the property of their respec ve owners.  © 2010 BeRex
 
Parameter
Min
Typical
Max
Unit
Frequency Range 
1700  
2300 
MHz 
Inser on Loss  
0.6 
0.8 
dB 
Isola on 
16.5 
24.5  
dB 
IRL(S11)
 
 ‐16.0 ‐11.5 
dBm 
ORL(S22/S33)  
‐24.0 ‐19.5 
dBm 
Amplitude Balance  
0.07 
0.2 
dB 
Phase Balance  
1.5 
2.0 
deg 
Parameter
  
Ra ng
Input Power 
1W CW dBm 
Storage Temperature ‐55 to +155°C 
Opera ng Temperature ‐40 to +85°C 
Opera on of this device above any of these parameters may result in permanent damage.
 
Rev. C 
*All specifica ons apply to the following test condi ons, 
1. Device performance _ measured on BeRex E/B at 25
°C, 50ohm system. 
2. Inser on Loss: Above 3.0dB.
 
Func on Block Diagram
Pins 2,4 and 6 must be DC and RF grounded.  
Dual Band 2‐Way SMT Power Divider 
BD1926
1700~2300MHz PCS, WCDMA & TD‐SCDMA 
BD19XX(XX=Wafer number)


Similar Part No. - BD1926

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD1926 BEREX-BD1926 Datasheet
139Kb / 4P
   Dual Band 2-Way SMT Power Divider 1700~2300MHz PCS, WCDMA & TD-SCDMA
BD1926 BEREX-BD1926 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_18 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
More results

Similar Description - BD1926

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD2326 BEREX-BD2326_1 Datasheet
373Kb / 4P
   Triple Band 2?륹ay SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_18 Datasheet
543Kb / 6P
   Dual Band 2-Way SMT Power Divider
BD2626 BEREX-BD2626_18 Datasheet
573Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_14 Datasheet
830Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_18 Datasheet
485Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_18 Datasheet
548Kb / 6P
   Dual Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com