Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1792 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SD1792
Description  Darlington Transistor(7A NPN)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1792 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1792 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SD1792 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0.1
1
10
0
1
2
3
4
5
6
7
2SD1792
IB1 = 0.002IC
IB2 = 0.002IC
VBB2 = 4V
VCC = 50V
Tc = 25
°C
ts
ton
tf
Switching Time - IC
Collector Current IC [A]


Similar Part No. - 2SD1792

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD1792 SAVANTIC-2SD1792 Datasheet
223Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1792 ISC-2SD1792 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1792 SAVANTIC-2SD1792 Datasheet
225Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1792

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
   Darlington Transistor(7A NPN)
2SB1283 SHINDENGEN-2SB1283 Datasheet
412Kb / 9P
   Darlington Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
   Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
   Switching Power Transistor(7A NPN)
logo
Rohm
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
   NPN 7A 50V Power Transistor
logo
Shindengen Electric Mfg...
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
   Switching Power Transistor(7A NPN)
logo
Rohm
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
   NPN 7A 50V Power Transistor
20220315 - Rev.001
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com