Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

667LP2E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 667LP2E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

667LP2E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  667LP2E Datasheet HTML 1Page - Hittite Microwave Corporation 667LP2E Datasheet HTML 2Page - Hittite Microwave Corporation 667LP2E Datasheet HTML 3Page - Hittite Microwave Corporation 667LP2E Datasheet HTML 4Page - Hittite Microwave Corporation 667LP2E Datasheet HTML 5Page - Hittite Microwave Corporation 667LP2E Datasheet HTML 6Page - Hittite Microwave Corporation 667LP2E Datasheet HTML 7Page - Hittite Microwave Corporation 667LP2E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 6
Outline Drawing
HMC667LP2 / 667LP2E
v02.1110
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2.3 - 2.7 GHz
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC667LP2
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
667
XXX
HMC667LP2E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
667
XXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 3-Digit lot number XXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.


Similar Part No. - 667LP2E

ManufacturerPart #DatasheetDescription
logo
Bi technologies
667 BITECH-667 Datasheet
390Kb / 3P
   Isolated and bussed circuits
logo
Glenair, Inc.
667-079C15L GLENAIR-667-079C15L Datasheet
252Kb / 1P
   Composite Receptacle Cover for Connectors
667-083-19C GLENAIR-667-083-19C Datasheet
92Kb / 1P
   Protective Cover for Hypertronics NPBY Connectors
667-084-19C GLENAIR-667-084-19C Datasheet
92Kb / 1P
   Protective Cover for Hypertronics NPJY Connectors
667-085-19C GLENAIR-667-085-19C Datasheet
92Kb / 1P
   Protective Cover for Hypertronics NEBY Connectors
More results

Similar Description - 667LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_10 Datasheet
173Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
logo
Skyworks Solutions Inc.
SKY65066-360LF SKYWORKS-SKY65066-360LF Datasheet
265Kb / 11P
   2.3-2.7 GHz Low Noise Amplifier
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com